Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM0912-300 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM0912-300
Description  AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM0912-300 Datasheet(HTML) 2 Page - STMicroelectronics

  AM0912-300 Datasheet HTML 1Page - STMicroelectronics AM0912-300 Datasheet HTML 2Page - STMicroelectronics AM0912-300 Datasheet HTML 3Page - STMicroelectronics AM0912-300 Datasheet HTML 4Page - STMicroelectronics AM0912-300 Datasheet HTML 5Page - STMicroelectronics AM0912-300 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditions
Value
Uni t
Mi n.
Typ.
Max.
POUT
f
= 960 — 1215MHz
PIN
= 60W
VCC
= 50V
300
330
—
W
ηcf = 960 — 1215MHz
PIN
= 60W
VCC
= 50V
38
45
—
%
GP
f
= 960 — 1215MHz
PIN
= 60W
VCC
= 50V
7.0
7.4
—
dB
N ote:
Pul se Widt h
= 10µSec
Duty Cycle
= 10%
STATIC
Symbol
Test Condi tions
Valu e
Unit
Mi n.
Typ.
Max.
BVCBO
IC
= 50mA
IE
= 0mA
65
80
—
V
BVEBO
IE
= 15mA
IC
= 0mA
3.0
—
—
V
BVCER
IC
= 50mA
RBE
= 10Ω
65
—
—
V
ICES
VCE
= 50V
—
—
30
mA
hFE
VCE
= 5V
IC
= 5A
10
—
—
—
DYNAMIC
AM0912-300
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com