Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM0912-300 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AM0912-300
Description  AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM0912-300 Datasheet(HTML) 4 Page - STMicroelectronics

  AM0912-300 Datasheet HTML 1Page - STMicroelectronics AM0912-300 Datasheet HTML 2Page - STMicroelectronics AM0912-300 Datasheet HTML 3Page - STMicroelectronics AM0912-300 Datasheet HTML 4Page - STMicroelectronics AM0912-300 Datasheet HTML 5Page - STMicroelectronics AM0912-300 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPICAL INPUT
IMPEDANCE
TYPICAL COLLECTOR
LOAD IMPEDANCE
PIN
= 60 W
VCC
= 50 V
ZO
= 50 ohms
PIN
= 60 W
VCC
= 50 V
ZO
= 50 ohms
IMPEDANCE DATA
ZIN
ZCL
FREQ.
ZIN (
Ω)ZCL (Ω)
L
= 960 MHz
2.0 + j 3.6
1.7
− j 2.2
M
= 1090 MHz
3.5 + j 1.7
2.0
− j 1.7
H
= 1215 MHz
1.6 + j 0.5
1.8
− j 2.0
AM0912-300
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com