Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041I Datasheet(PDF) 20 Page - Texas Instruments

Part # TUSB4041I
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB4041I Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB4041I Datasheet HTML 16Page - Texas Instruments TUSB4041I Datasheet HTML 17Page - Texas Instruments TUSB4041I Datasheet HTML 18Page - Texas Instruments TUSB4041I Datasheet HTML 19Page - Texas Instruments TUSB4041I Datasheet HTML 20Page - Texas Instruments TUSB4041I Datasheet HTML 21Page - Texas Instruments TUSB4041I Datasheet HTML 22Page - Texas Instruments TUSB4041I Datasheet HTML 23Page - Texas Instruments TUSB4041I Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
20
TUSB4041I
SLLSEK3E – JULY 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TUSB4041I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.5.8 Battery Charging Support Register
Offset = 6h
Figure 9. Battery Charging Support Register
7
6
5
4
3
2
1
0
RSVD
batEn[3:0]
R-0
RW-X
Table 10. Battery Charging Support Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
RSVD
R
0
Reserved
Read only, returns 0 when read.
3:0
batEn[3:0]
RW
X
Battery Charger Support. The bits in this field indicate whether the downstream port
implements the charging port features.
0 = The port is not enabled for battery charging support features
1 = The port is enabled for battery charging support features
Each bit corresponds directly to a downstream port, that is batEn0 corresponds to
downstream port 1, and batEN1 corresponds to downstream port 2.
The default value for these bits are loaded at the deassertion of reset with the value
of PWRCTL/BATEN[3:0].
When in I2C/SMBus mode the bits in this field may be overwritten by EEPROM
contents or by an SMBus host.
8.5.9 Device Removable Configuration Register
Offset = 7h
Figure 10. Device Removable Configuration Register
7
6
5
4
3
2
1
0
customRmbl
RSVD
rmbl[3:0]
RW-0
R-0
RW-X
Table 11. Device Removable Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
7
customRmbl
RW
0
Custom removable
This bit controls the ability to write to the port removable bits.
0 = rmbl[3:0] are read only, and the values are loaded from the OTP ROM.
1 = rmbl[3:0] are R/W and can be loaded by EEPROM or written by SMBus.
This bit may be written simultaneously with rmbl[3:0].
6:4
RSVD
R
0
Reserved
Read only, returns 0 when read
3:0
rmbl[3:0]
RW
X
Removable
The bits in this field indicate whether a device attached to downstream ports 4
through 1 are removable or permanently attached.
0 = The device attached to the port is not removable.
1 = The device attached to the port is removable.
Each bit corresponds directly to a downstream port n + 1, For example: rmbl0
corresponds to downstream port 1, rmbl1 corresponds to downstream port 2, and
so on.
This field is read only unless the customRmbl bit is set to 1. Otherwise, the value of
this field reflects the inverted values of the OTP ROM non_rmb[3:0] field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com