Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041I Datasheet(PDF) 32 Page - Texas Instruments

Part # TUSB4041I
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB4041I Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB4041I Datasheet HTML 28Page - Texas Instruments TUSB4041I Datasheet HTML 29Page - Texas Instruments TUSB4041I Datasheet HTML 30Page - Texas Instruments TUSB4041I Datasheet HTML 31Page - Texas Instruments TUSB4041I Datasheet HTML 32Page - Texas Instruments TUSB4041I Datasheet HTML 33Page - Texas Instruments TUSB4041I Datasheet HTML 34Page - Texas Instruments TUSB4041I Datasheet HTML 35Page - Texas Instruments TUSB4041I Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
POPULATE
FOR BC SUPPORT
USB_DM_DN4
USB_DP_DN4
VBUS_DS4
BOARD_3P3V
PWRCTRL4_BATEN4
OVERCUR4Z
DN4_VBUS
C14
0.1 µF
R12
4.7 K
R13
1 M
C15
0.001 µF
TUSB4041I_PAP
U1E
OVERCUR4Z
11
USB_DP_DN4
56
USB_DM_DN4
57
PWRCTL4/BATEN4
64
C13
0.1 µF
USB2_TYPEA
J5
VBUS
1
DM
2
DP
3
GND
4
SHIELD1
5
SHIELD2
6
FB4
220 at 100 MHZ
Copyright © 2016, Texas Instruments Incorporated
POPULATE
FOR BC SUPPORT
VBUS_DS3
USB_DP_DN3
USB_DM_DN3
BOARD_3P3V
OVERCUR3Z
PWRCTRL3_BATEN3
DN3_VBUS
FB3
220 at 100 MHz
USB2_TYPEA
J4
VBUS
1
DM
2
DP
3
GND
4
SHIELD1
5
SHIELD2
6
C11
0.001 F
µ
C10
0.1 µF
R10
4.7 K
TUSB4041I_PAP
U1D
PWRCTL3/BATEN3
1
OVERCUR3Z
12
USB_DP_DN3
49
USB_DM_DN3
50
R11
1 M
C12
0.1 F
µ
Copyright © 2016, Texas Instruments Incorporated
32
TUSB4041I
SLLSEK3E – JULY 2015 – REVISED SEPTEMBER 2017
www.ti.com
Product Folder Links: TUSB4041I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
9.2.2.4 Downstream Port 3 Implementation
Figure 29. Downstream Port 3 Implementation
The downstream port3 of the TUSB4041I device is connected to a USB2 type A connector. With BATEN3 pin
pulled up, battery charge support is enabled for port 3. If battery charge support is not needed, then uninstall the
pullup resistor on BATEN3.
9.2.2.5 Downstream Port 4 Implementation
Figure 30. Downstream Port 4 Implementation
The downstream port 4 of the TUSB4041I device is connected to a USB2 Type A connector. With BATEN4 pin
pulled up, Battery Charge support is enabled for Port 4. If Battery Charge support is not needed, then uninstall
the pullup resistor on BATEN4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com