Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAP Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB4041IPAP
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB4041IPAP Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB4041IPAP Datasheet HTML 15Page - Texas Instruments TUSB4041IPAP Datasheet HTML 16Page - Texas Instruments TUSB4041IPAP Datasheet HTML 17Page - Texas Instruments TUSB4041IPAP Datasheet HTML 18Page - Texas Instruments TUSB4041IPAP Datasheet HTML 19Page - Texas Instruments TUSB4041IPAP Datasheet HTML 20Page - Texas Instruments TUSB4041IPAP Datasheet HTML 21Page - Texas Instruments TUSB4041IPAP Datasheet HTML 22Page - Texas Instruments TUSB4041IPAP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
19
TUSB4041I
www.ti.com
SLLSEK3E – JULY 2015 – REVISED SEPTEMBER 2017
Product Folder Links: TUSB4041I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.5.7 Device Configuration Register
Offset = 5h
Figure 8. Device Configuration Register
7
6
5
4
3
2
1
0
customStrings
customSernum
RSVD
RSVD
ganged
fullPwrMgmtz
RSVD
RSVD
RW-0
RW-0
RW-0
R-1
RW-X
RW-X
RW-0
R-0
Table 9. Device Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
7
customStrings
RW
0
Custom strings enable
This bit controls the ability to write to the Manufacturer String Length, Manufacturer
String, Product String Length, Product String, and Language ID registers
0 = The Manufacturer String Length, Manufacturer String, Product String
Length, Product String, and Language ID registers are read only.
1 = The Manufacturer String Length, Manufacturer String, Product String
Length, Product String, and Language ID registers may be loaded by
EEPROM or written by SMBus.
The default value of this bit is 0.
6
customSernum
RW
0
Custom serial number enable
This bit controls the ability to write to the serial number registers.
0 = The Serial Number String Length and Serial Number String registers are
read only.
1 = Serial Number String Length and Serial Number String registers may be
loaded by EEPROM or written by SMBus.
The default value of this bit is 0.
5
RSVD
RW
0
Reserved.
4
RSVD
R
1
Reserved. This bit is reserved and returns 1 when read.
3
ganged
RW
X
Ganged
This bit is loaded at the deassertion of reset with the value of the
GANGED/SMBA2/HS_UP pin.
0 = Each port is individually power switched and enabled by the
PWRCTL[4:1]/BATEN[4:1] pins.
1 = The power switch control for all ports is ganged and enabled by the
PWRCTL[4:1]/BATEN1 pin.
When the TUSB4041I device is in I2C mode, the TUSB4041I device loads this bit
from the contents of the EEPROM.
When the TUSB4041I device is in SMBUS mode, the value may be overwritten by
an SMBus host.
2
fullPwrMgmtz
RW
X
Full power management
This bit is loaded at the deassertion of reset with the value of the
FULLPWRMGMTz/SMBA1 pin.
0 = Port power switching status reporting is enabled
1 = Port power switching status reporting is disabled
When the TUSB4041I device is in I2C mode, the TUSB4041I device loads this bit
from the contents of the EEPROM.
When the TUSB4041I device is in SMBUS mode, the value may be overwritten by
an SMBus host.
1
RSVD
RW
0
Reserved
This field is reserved and should not be altered from the default.
0
RSVD
R
0
Reserved
This field is reserved and returns 0 when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com