Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAP Datasheet(PDF) 27 Page - Texas Instruments

Part # TUSB4041IPAP
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB4041IPAP Datasheet(HTML) 27 Page - Texas Instruments

Back Button TUSB4041IPAP Datasheet HTML 23Page - Texas Instruments TUSB4041IPAP Datasheet HTML 24Page - Texas Instruments TUSB4041IPAP Datasheet HTML 25Page - Texas Instruments TUSB4041IPAP Datasheet HTML 26Page - Texas Instruments TUSB4041IPAP Datasheet HTML 27Page - Texas Instruments TUSB4041IPAP Datasheet HTML 28Page - Texas Instruments TUSB4041IPAP Datasheet HTML 29Page - Texas Instruments TUSB4041IPAP Datasheet HTML 30Page - Texas Instruments TUSB4041IPAP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
27
TUSB4041I
www.ti.com
SLLSEK3E – JULY 2015 – REVISED SEPTEMBER 2017
Product Folder Links: TUSB4041I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.5.19 Serial Number String Registers
Offset = 30h-4Fh
Figure 20. Serial Number String Registers
7
6
5
4
3
2
1
0
serialNumber[n]
R/RW-X
Table 21. Serial Number String Registers Field Descriptions
Bit
Field
Type
Reset
Description
7:0
serialNumber[n]
R/RW
X
Serial Number byte N
The serial number returned in the Serial Number string descriptor at string index 1.
The default value of these registers is assigned by TI. When customSernum is 1,
these registers may be overwritten by EEPROM contents or by an SMBus host.
8.5.20 Manufacturer String Registers
Offset = 50h-8Fh
Figure 21. Manufacturer String Registers
7
6
5
4
3
2
1
0
mfgStringByte[n]
R/W-0
Table 22. Manufacturer String Registers Field Descriptions
Bit
Field
Type
Reset
Description
7:0
mfgStringByte[n]
R/W
0
Manufacturer string byte N
These registers provide the string values returned for string index 3 when
mfgStringLen is greater than 0. The number of bytes returned in the string is
equal to mfgStringLen.
The programmed data should be in UNICODE UTF-16LE encodings as defined
by the Unicode Standard, Worldwide Character Encoding, Version 5.0.
8.5.21 Product String Byte N Register
Offset = 90h-CFh
Figure 22. Product String Byte N Register
7
6
5
4
3
2
1
0
prodStringByte[n]
R/RW-0
Table 23. Product String Byte N Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
prodStringByte[n]
R/RW
0
Product string byte N
These registers provide the string values returned for string index 2 when
prodStringLen is greater than 0. The number of bytes returned in the string is
equal to prodStringLen.
The programmed data should be in UNICODE UTF-16LE encodings as defined by
the Unicode Standard, Worldwide Character Encoding, Version 5.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com