Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB4041IPAP Datasheet(PDF) 25 Page - Texas Instruments

Part # TUSB4041IPAP
Description  TUSB4041I Four-Port USB 2.0 Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB4041IPAP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB4041IPAP Datasheet HTML 21Page - Texas Instruments TUSB4041IPAP Datasheet HTML 22Page - Texas Instruments TUSB4041IPAP Datasheet HTML 23Page - Texas Instruments TUSB4041IPAP Datasheet HTML 24Page - Texas Instruments TUSB4041IPAP Datasheet HTML 25Page - Texas Instruments TUSB4041IPAP Datasheet HTML 26Page - Texas Instruments TUSB4041IPAP Datasheet HTML 27Page - Texas Instruments TUSB4041IPAP Datasheet HTML 28Page - Texas Instruments TUSB4041IPAP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
25
TUSB4041I
www.ti.com
SLLSEK3E – JULY 2015 – REVISED SEPTEMBER 2017
Product Folder Links: TUSB4041I
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
8.5.15 Language ID MSB Register
Offset = 21h, reset = 04h
Figure 16. Language ID MSB Register
7
6
5
4
3
2
1
0
langIdMsb[7:3]
langIdMsb[2]
langIdMsb[1:0]
R/RW-0
R/RW-1
R/RW-0
Table 17. Language ID MSB Register Field Descriptions
Bit
Field
Type
Reset
Description
7:3
langIdMsb[7:3]
R/RW
0
Language ID most significant byte
This register contains the value returned in the MSB of the LANGID code in
string index 0. The TUSB4041I device only supports one language ID. The
default value of this register is 04h representing the MSB of the LangID 0409h
indicating English United States.
When the customStrings bit is set to 1, this field may be overwritten by the
contents of an attached EEPROM or by an SMBus host.
2
langIdMsb[2]
R/RW
1
1:0
langIdMsb[1:0]
R/RW
0
8.5.16 Serial Number String Length Register
Offset = 22h
Figure 17. Serial Number String Length Register
7
6
5
4
3
2
1
0
RSVD
serNumStringL
en[5]
serNumStringLen[4:3]
serNumStringLen[2:0]
R-0
R/RW-0
R/RW-1
R/RW-0
Table 18. Serial Number String Length Register Field Descriptions
Bit
Field
Type
Reset
Description
7:6
RSVD
R
0
Reserved
Read only, returns 0 when read.
5
serNumStringLen[5]
R/RW
0
Serial number string length
The string length in bytes for the serial number string. The default value is
18h indicating that a 24-byte serial number string is supported. The
maximum string length is 32 bytes.
When the customSernum bit is set to 1, this field may be overwritten by the
contents of an attached EEPROM or by an SMBus host.
When the field is non-zero, a serial number string of serNumbStringLen
bytes is returned at string index 1 from the data contained in the Serial
Number String registers.
4:3
serNumStringLen[4:3]
R/RW
1
2:0
serNumStringLen[2:0]
R/RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com