Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA690 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
www.ti.com
APPLICATIONS INFORMATION
WIDEBAND VOLTAGE-FEEDBACK
1/2
OPA2890
+5V
+V
S
-VS
+
DIS
-5V
100
Load
W
50W
350W
100W
V
O
V
D
V
I
50
Source
W
R
G
750W
R
F
750W
+
6.8 F
m
0.1 F
m
6.8 F
m
0.1 F
m
0.1 F
m
OPA2890
SBOS364A – DECEMBER 2007 – REVISED DECEMBER 2007
OPERATION
The OPA2890 provides an exceptional combination
of high output power capability in a dual, wideband,
unity-gain stable, voltage-feedback op amp using a
new high slew rate input stage. Typical differential
input stages used for voltage-feedback op amps are
designed
to
steer
a
fixed-bias
current
to
the
compensation
capacitor,
setting
a
limit
to
the
achievable slew rate. The OPA2890 uses a new input
stage that places the transconductance element
between two input buffers, using the output currents
as the forward signal. As the error voltage increases
across the two inputs, an increasing current is
delivered
to
the
compensation
capacitor.
This
configuration provides high slew rate (400V/
µs) while
consuming
relatively
low
quiescent
current
(1.12mA/ch). This exceptional full-power performance
comes at the price of a slightly higher input noise
voltage than alternative architectures; however, the
8nV/
√Hz input voltage noise for the OPA2890 is
Figure 49. DC-Coupled, G = +2V/V, Bipolar
exceptionally low for this type of input stage.
Supply, Specification and Test Circuit
Figure 49 shows the DC-coupled, gain of +2V/V, dual
power-supply circuit configuration used as the basis
Figure 50 illustrates the ac-coupled, gain of +2V/V,
of the ±5V Electrical Characteristics and Typical
single-supply circuit configuration used as the basis
Characteristics. This illustration is for one channel;
of the +5V Electrical Characteristics and Typical
the other channel is connected similarly. For test
Characteristics. Though not a rail-to-rail design, the
purposes, the input impedance is set to 50
Ω with a
OPA2890 requires minimal input and output voltage
resistor to ground and the output impedance is set to
headroom
compared
to
other
very
wideband
200
Ω. Voltage swings reported in the Electrical
voltage-feedback op amps. It delivers a 3VPP output
Characteristics are taken directly at the input and
swing on a single +5V supply with greater than
output pins, while output powers (dBm) are at the
80MHz
bandwidth.
The
key
requirement
of
matched 50
Ω load. For the circuit of Figure 49, the
broadband single-supply operation is to maintain
total effective load is 200
Ω || 1.5kΩ. The disable
input and output signal swings within the usable
control line (MSOP-10 package only) is typically left
voltage ranges at both the input and the output. The
open for normal amplifier operation. Two optional
circuit of Figure 50 establishes an input midpoint bias
components are included in Figure 49. First, an
using a simple resistive divider from the +5V supply
additional resistor (350
Ω) is included in series with
(two 698
Ω resistors). Separate bias networks would
the noninverting input. Combined with the 25
Ω dc
be required at each input. The input signal is then
source resistance looking back towards the signal
ac-coupled into the midpoint voltage bias. The input
generator, this resistor gives an input bias current
voltage can swing to within 1.5V of either supply pin,
cancelling resistance that matches the 750
Ω source
giving a 2VPP input signal range centered between
resistance seen at the inverting input (see the DC
the supply pins. The input impedance matching
Accuracy and Offset Control section). In addition to
resistor (59
Ω) used for testing is adjusted to give a
the usual power-supply decoupling capacitors to
50
Ω input load when the parallel combination of the
ground, a 0.1
µF capacitor is also included between
biasing divider network is included.
the two power-supply pins. In practical printed circuit
board (PCB) layouts, this optional capacitor typically
improves the 2nd-harmonic distortion performance by
3dB to 6dB.
16
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): OPA2890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com