Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA690 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 13Page - Texas Instruments OPA690 Datasheet HTML 14Page - Texas Instruments OPA690 Datasheet HTML 15Page - Texas Instruments OPA690 Datasheet HTML 16Page - Texas Instruments OPA690 Datasheet HTML 17Page - Texas Instruments OPA690 Datasheet HTML 18Page - Texas Instruments OPA690 Datasheet HTML 19Page - Texas Instruments OPA690 Datasheet HTML 20Page - Texas Instruments OPA690 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
www.ti.com
R
G
R
F
1/2
OPA2830
R
G
R
F
1/2
OPA2830
V
IN
R
L
V
OUT
+5V
-5V
G =
D
R
F
R
G
1/2
OPA2890
+5V
+V
S
DIS
V /2
S
698W
200W
V
O
V
D
V
I
698W
50W
R
G
750W
R
F
750W
0.1 F
m
0.1 F
m
59W
+
6.8 F
m
0.1 F
m
R
F
1/2
OPA2830
R
F
1/2
OPA2830
V
IN
R
L
R
G
+5V
-5V
G =1+
D
2R
F
R
G
DIFFERENTIAL OPERATION
OPA2890
SBOS364A – DECEMBER 2007 – REVISED DECEMBER 2007
Figure 51. Differential Inverting Specification and
Test Circuit
Figure 50. DC-Coupled, G = +2V/V, Single-Supply,
Specification and Test Circuit
Again, an additional resistor (50
Ω in this case) is
included directly in series with the noninverting input.
This minimum recommended value provides part of
the
dc
source
resistance
matching
for
the
noninverting input bias current. It is also used to form
a simple parasitic pole to roll off the frequency
response at very high frequencies ( > 500MHz) using
the input parasitic capacitance. The gain resistor (RG)
is AC-coupled, giving the circuit a dc gain of +1V/V,
which puts the input dc bias voltage (2.5V) on the
output as well. The output voltage can swing to within
1V of either supply pin while delivering greater than
40mA output current.
Figure 52. Differential Noninverting Specification
and Test Circuit
Figure
51
shows
the
inverting
differential
configuration used as the basis for the ±5V and +5V
Typical
Characteristics.
This
circuit
offers
a
combination of excellent distortion with low quiescent
current for frequencies below 100kHz.
The other possibility is to use the OPA2890 in a
differential configuration as shown in Figure 52. This
figure
illustrates
the
differential
noninverting
configuration that has the advantage of showing a
high input impedance to any prior stage.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): OPA2890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com