Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA690 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690 Datasheet(HTML) 3 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = ±5V
OPA2890
SBOS364A – DECEMBER 2007 – REVISED DECEMBER 2007
At TA = +25°C, RF = 0Ω, G = +1V/V, and RL = 200Ω, unless otherwise noted.
OPA2890ID, IDGS
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
+70
°C(3)
+85
°C(3)
UNITS
MAX
LEVEL
(1)
AC PERFORMANCE
Small-signal bandwidth
G = +1V/V, VO = 100mVPP, RF = 0Ω
250
MHz
typ
C
G = +2V/V, VO = 100mVPP
100
60
50
45
MHz
min
B
G = +10V/V, VO = 100mVPP
12
8
7
6.5
MHz
min
B
Gain bandwidth product
G > +20V/V
120
90
80
78
MHz
min
B
Bandwidth for 0.1dB flatness
G = +2V/V, VO = 100mVPP
15
MHz
typ
C
Peaking at a gain of +1V/V
VO < 100mVPP
0.2
dB
typ
C
Large-signal bandwidth
G = +2V/V, VO = 2VPP
110
MHz
typ
C
Slew rate
G = +2V/V, VO = 2V step
400
300
275
270
V/
µs
min
B
Rise-and-fall time
0.2V step
3.5
ns
typ
C
Settling time to 0.02%
G = +1V/V, VO = 2V step
16
ns
typ
C
Settling time to 0.1%
10
ns
typ
C
Harmonic distortion
G = +2V/V, f = 1MHz, VO = 2VPP
2nd harmonic
RL = 200Ω
84
73
69
68
dBc
max
B
RL ≥ 500Ω
100
83
81
80
dBc
max
B
3rd harmonic
RL = 200Ω
89
84
81
80
dBc
max
B
RL ≥ 500Ω
94
90
87
86
dBc
max
B
Input voltage noise
f > 100kHz
8
9
10
11
nV/
√Hz
max
B
Input current noise
f > 100kHz
1
1.3
1.7
1.9
pA/
√Hz
max
B
Differential gain
G = +2V/V, VO = 1.4VPP, RL = 150Ω
0.05
%
typ
C
Differential phase
G = +2V/V, VO = 1.4VPP, RL = 150Ω
0.03
°
typ
C
Channel-to-channel crosstalk
f = 5MHz, Input-referred
–68
dB
typ
C
DC PERFORMANCE
(4)
Open-loop voltage gain (AOL)
VO = 0V, RL = 100Ω
62
57
56
54
dB
min
A
Input offset voltage
VCM = 0V
±2
±5
±6.6
±7.1
mV
max
A
Average offset voltage drift
VCM = 0V
±35
±35
µV/°C
max
B
Input bias current
VCM = 0V
±0.1
±1.6
±1.8
±2
µA
max
A
Average input bias current drift
VCM = 0V
±5
±6
nA/
°C
max
B
Input offset current
VCM = 0V
±70
±350
±450
±500
nA
max
A
Average input offset current drift
VCM = 0V
±2.5
±2.5
nA/
°C
max
B
INPUT
Common-mode input range (CMIR)
(5)
±3.9
±3.8
±3.7
±3.6
V
min
A
Common-mode rejection ratio (CMRR)
VCM = 0V, Input-referred
66
60
57
56
dB
min
A
Input impedance
Differential
VCM = 0V
190 || 0.6
k
Ω || pF
typ
C
Common-mode
VCM = 0V
3.2 || 0.9
M
Ω || pF
typ
C
OUTPUT
Output voltage swing
No load
±4.0
±3.9
±3.8
±3.7
V
min
A
RL = 100Ω
±3.6
±3.1
±3.05
±2.9
V
min
A
Output current, sourcing, sinking
VO = 0V
±40
±35
±33
±30
mA
min
A
Peak output current
Output shorted to ground
±75
mA
typ
C
Closed-loop output impedance
G = +2V/V, f = 100kHz
0.04
Ω
typ
C
(1)
Test levels: (A) 100% tested at +25
°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25
°C tested specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +4
°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive out-of-node. VCM is the input common-mode voltage.
(5)
Tested < 3dB below minimum specified CMRR at ±CMIR limits
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA2890



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com