Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT115-319-R-DC Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # GOT115-319-R-DC
Description  15" XGA TFT Fanless Touch Panel Computer with Intel® Celeron® Processor N3350 or Intel® Pentium® Processor N4200
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT115-319-R-DC Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  GOT115-319-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT115-319-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT115-319-R-DC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
* All specifications and photos are subject to change without notice.
© 2025 Axiomtek Co., Ltd. All rights reserved.
Updated Jan. 23, 2025.
Packing List
1 x GOT115-319
1 x DC cable
4 x M3 screws for SSD/HDD
1 x M3 screw for M.2 card slot
1 x M2 screw for mSATA card slot
367
32
50
133
100
(333.7)
100
336
Dimensions
Optional OS Installation
Windows® 11/10 (64-bit)
Optional Accessories
Wi-Fi + Bluetooth kit
RFID kit
E29R131110
Panel mount kit
E29R131103
Wall mount kit
50966124050E
Adapter 12V/60W
E226171119
Stand kit
AC power adapter
(for GOT115-319)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com