Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT115-319-R-DC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT115-319-R-DC
Description  15" XGA TFT Fanless Touch Panel Computer with Intel® Celeron® Processor N3350 or Intel® Pentium® Processor N4200
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT115-319-R-DC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT115-319-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT115-319-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT115-319-R-DC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.axiomtek.com
Fanless Touch Panel Computers
GOT115-319
1. Power LED
2. HDD LED
3. Brightness adjust +/-
4. Display on/off
5. Volume +/-
6. Microphone
1. Remote power switch
2. Power button
3. Screw connector for power input
4. AT/ATX switch
5. 2 x LAN
6. 2 x USB 3.0
7. RS-232/422/485
8. Line-out
9. Micro SD card slot
10. 2 x USB 2.0
11. RS-232
12. Speakers
1
3
4
5
6
2
2
3
1
8
6
10
4 5
7
9
11
12
15" XGA TFT Fanless Touch Panel Computer with Intel® Celeron® Processor N3350 or
Intel® Pentium® Processor N4200
Features
● 15" XGA TFT LCD display with LED backlight
● Fanless design with Intel® Celeron® processor N3350 or Intel® Pentium® processor N4200
● 2 GbE LAN, 4 USB, and 2 COM
● IP65-rated plastic front bezel
● Supports RFID and wireless module (optional)
● External AT/ATX mode selection switch
● Easy access storage & RAM design
● Supports panel mount, wall mount, VESA arm, and desktop stand
● RS-232/422/485 with RI/5V/12V selectable via BIOS
● Programmable OSD function key
Introduction
The GOT115-319 is a 15" XGA fanless touch panel computer designed with a modern, sleek, and fanless form factor. It is equipped with either the Intel® Celeron®
processor N3350 or the Intel® Pentium® processor N4200. For wireless network connectivity, the GOT115-319 offers one PCI Express Mini Card slot and one M.2
Key E slot for a wireless module. By simply plugging in a WLAN card, customers can gain instant access to wireless environments.
Super Slim Design
With a thickness of just 50 mm, the GOT115-319 is a super slim touch panel computer, ideal for space-limited environments.
Support for Front Membrane Keys
The GOT115-319 features five membrane keys on the front panel, allowing users to easily adjust the LCD on/off, LCD brightness, and volume settings.
Aluminum Back Chassis with Excellent Thermal Solution
With Axiomtek's patented plastic-plus-aluminum mechanism design, the GOT115-319 effectively dissipates heat, ensuring stable system operation.
Low Power
Fanless
AiRD
DDR3L
IP65
Rear view


Similar Part No. - GOT115-319-R-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT110-316 AXIOMTEK-GOT110-316 Datasheet
479Kb / 2P
10.4 XGA TFT Fanless Touch Panel Computer with Intel짰 Celeron짰 Processor N3350
More results

Similar Description - GOT115-319-R-DC

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-APL6 AAEON-GENE-APL6 Datasheet
606Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/30
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
GENESYS-APL7 AAEON-GENESYS-APL7 Datasheet
418Kb / 2P
3.5" SubCompact Board System with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
PICO-APL4-SEMI AAEON-PICO-APL4-SEMI Datasheet
483Kb / 2P
PICO-SEMI TurnKit with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/10/04
ACP-1076 AAEON-ACP-1076 Datasheet
619Kb / 2P
7” SWXGA Multi-Touch Panel PC with Intel® Pentium® N4200/ Celeron® N3350 Processor, 4 GB RAM
2022/11/04
BOXER-6405M AAEON-BOXER-6405M Datasheet
358Kb / 2P
Fanless Compact Embedded Computer with Intel® Celeron®/Pentium® Processor
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
logo
BCM Advanced Research.
EPC-APL BCM-EPC-APL Datasheet
394Kb / 1P
Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
07/25/2018
logo
AAEON Technology
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
UPS-APLC2F-A20-0232 AAEON-UPS-APLC2F-A20-0232 Datasheet
611Kb / 2P
UP Squared Developer Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com