Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT115-319-R-DC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT115-319-R-DC
Description  15" XGA TFT Fanless Touch Panel Computer with Intel® Celeron® Processor N3350 or Intel® Pentium® Processor N4200
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT115-319-R-DC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT115-319-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT115-319-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT115-319-R-DC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.axiomtek.com
Fanless Touch Panel Computers
Specifications
Front Bezel
IP65, NEMA 4 rugged protection, plastic front bezel
LCD Panel
Display Type
15" XGA TFT LCD with LED backlight
Brightness (cd/m
2)
300 nits (XGA)
Resolution
1024 x 768
Viewing Angel (H/V)
160°/160°
Main System
CPU
Intel® Celeron® processor N3350 2 cores (up to 2.4 GHz)
Intel® Pentium® processor N4200 4 cores (up to 2.5 GHz)
System Memory
1 x 204-pin DDR3L-1600 SO-DIMM, up to 8GB
BIOS
AMI UEFI BIOS
Storage
1 x 2.5" SATA HDD (9.5 mm height)
1 x mSATA
1 x MicroSD card
Watchdog Timer
255 levels, 0 to 255 sec.
Onboard Graphics
Integrated in Intel® GFX
I/O Connector
1 x RS-232/422/485 (default RS-232)
1 x RS-232
2 x 10/100/1000 Mbps Ethernet
2 x USB 3.0
2 x USB 2.0
1 x Screw type connector for power
1 x Power button (ATX)
1 x Remote power switch
1 x Audio (Line-out)
1 x ATX/AT selectable switch
TPM
TPM2.0
Expansion Interface
1 x M.2 Key E for wireless module
1 x Full-size PCI Express Mini Card slot
Touchscreen
Projected capacitive multi-touch
5-wire flat resistive touch
Power Supply
DC version: 9 to 24 VDC with adapter cable
Power Consumption
28.8W
Dimensions (W x D x H) 329.69 x 50 x 306 mm (13" x 2" x 12")
Packing Dimensions
(W x D x H)
510 x 190 x 540 mm (20.1" x 7.5" x 21.2")
Weight (net/gross)
3.2 kg (7.1 lb)/4.8 kg (10.6 lb)
Operating Temperature 0°C to +50°C (+32°F to +122°F)
Relative Humidity
10%- 90% @ +40°C; non-condensing
Operation Vibration
2G, 5- 500Hz, random for SSD
Certifications
CE, FCC
Ordering Information
Standard
GOT115-319-R-DC
(P/N: E22B115101)
15" XGA fanless touch panel computer with Intel® Celeron® processor N3350 onboard, 5 wire resistive touch, EMI Class A, screw type
connector with DC cable
GOT115-319-N4200-C-
DC
(P/N: E22B115102)
15" XGA fanless touch panel computer with Intel® Pentium® processor N4200 onboard, projected capacitive multi-touch, EMI Class A,
screw type connector with DC cable
GOT115-319-N4200-R-
DC
(P/N: E22B115103)
15" XGA fanless touch panel computer with Intel® Pentium® processor N4200 onboard, 5 wire resistive touch, EMI Class A, screw type
connector with DC cable
* Other configuration by request
* Specification and certifications may vary based on different requirements



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com