Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT321W-521-R-DC Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # GOT321W-521-R-DC
Description  21.5" FHD TFT Expandable Touch Panel Computer with LGA1151 9th/8th Gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel® Celeron® Processor (up to 35W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT321W-521-R-DC Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  GOT321W-521-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT321W-521-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT321W-521-R-DC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
* All specifications and photos are subject to change without notice.
© 2025 Axiomtek Co., Ltd. All rights reserved.
547.6±2(W)
533.2
330.8
16-M4
Max. Deep 4 mm
4-M4
Max. Deep 5mm
5.5
22.6
75.6±2(D)
100
OPTIONAL
21.5"
534.2+1
0
Cutout dimension
Optional Accessories
Wi-Fi kit
E29R131114
Wall mount kit
509000001500
Adaptor 24V/120W, wire only, FSP120-AAAN3
594K6220210E
Remote power cable, L=720 mm
Dimensions
Optional EOS Installation
Windows® 11/10 IoT Enterprise
Optional OS Installation
Windows® 11/10
Packing List
1 x GOT321W-521
1 x Phoenix connector
1 x Panel mount kit
Updated Mar. 05, 2025.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com