Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT321W-521-R-DC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT321W-521-R-DC
Description  21.5" FHD TFT Expandable Touch Panel Computer with LGA1151 9th/8th Gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel® Celeron® Processor (up to 35W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT321W-521-R-DC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT321W-521-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT321W-521-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT321W-521-R-DC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.axiomtek.com
Heavy-duty Fanless Touch Panel Computers
1
2 3
4
6
8
7
5
10
11
13
12
9
14
Rear view
1. 1 x COM (cable)
2. 2 x USB 2.0
3. 2 x USB 3.0
4. 2 x LAN
5. 1 x COM
6. 1 x DisplayPort
7. 1 x Line-out
8. 1 x VGA
9. Power button (ATX)
10. Terminal block for DC power input
11. Remote power switch
12. AT/ATX selectable switch
13. 1 x HDMI
14. Swappable HDD
GOT321W-521
21.5" FHD TFT Expandable Touch Panel Computer with LGA1151 9th/8th Gen Intel® Core™ i7/i5/i3,
Intel® Pentium® Gold or Intel® Celeron® Processor (up to 35W)
Features
● 21.5" FHD 10-point multi-touch projected capacitive widescreen or 5-wire resistive touch
● Fanless design with LGA1151 9th/8th gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel® Celeron® processor
● Supports WLAN module and antenna (optional)
● 2.5" SATA HDD/SSD
● 2 LAN, 4 USB, 2 COM, 1 HDMI, 1 DisplayPort, and 1 VGA
● IP65-rated aluminum front bezel
● Supports panel mount, VESA mount, and wall mount
The GOT321W-521 is a fanless panel PC with 21.5-inch FHD LCD and supports LGA1151 9th/8th gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel® Celeron®
processor (up to 35W). It also provides M.2 Key E and PCI Express Mini Card slots for add-on devices (e.g. Wi-Fi module) for factory automation and oil pipe
monitoring system.
21.5-inch FHD LCD with PCT or Resistive Touch
The GOT321W-521 supports 250 nits brightness with FHD resolution. Equipped with projected capacitive multi-touch screen or 5-wire resistive touch , the
GOT321W-521 is user-friendly for operators. The touch glass surface is also up to 3H for anti scratch.
Introduction
Fanless
IP65
Dual-View
DDR4
USB 3.0


Similar Part No. - GOT321W-521-R-DC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT321W-502-PCT AXIOMTEK-GOT321W-502-PCT Datasheet
544Kb / 2P
21.5 FHD TFT Multi-touch Panel Computer with 7th/6th Gen Intel짰 Core??i7/i5/i3 Processor
More results

Similar Description - GOT321W-521-R-DC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
AIMB-706 ADVANTECH-AIMB-706 Datasheet
594Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron® ATX with DVI/VGA, DDR4, SATA 3.0, USB 3.1 & 6 COMs
3-Jan-2023
AIMB-786 ADVANTECH-AIMB-786 Datasheet
590Kb / 2P
LGA1151 8th/9th Generation Intel® Core™ i7/i5/i3 & Pentium®/Celeron ON® ATX with Triple Display, DDR4, USB 3.1, SATA 3.0
3-Jan-2023
logo
AAEON Technology
GENE-CML5 AAEON-GENE-CML5 Datasheet
447Kb / 2P
3.5” SubCompact Board with 10th Generation Intel® Core™ i7/i5/i3/Pentium®/Celeron® Processor
2022/10/25
GENE-WHU6 AAEON-GENE-WHU6 Datasheet
582Kb / 2P
3.5” SubCompact Board with 8th Generation Intel® Core™ i7/i5/i3/Celeron® Processor SoC
2022/10/25
PCM-CFS AAEON-PCM-CFS Datasheet
483Kb / 2P
Compact Board with 8th/9th Generation Intel® Core™ i7/i5/i3 and Celeron® Processor (socket type)
logo
BCM Advanced Research.
BC370Q BCM-BC370Q Datasheet
689Kb / 1P
Intel® Q370 ATX Motherboard supports 8th/9th Gen Intel® Core™/Pentium®/Celeron® Processors
05/12/2022
MX370QD BCM-MX370QD Datasheet
534Kb / 1P
Intel® Q370 mini-ITX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
04/13/2023
RX370Q BCM-RX370Q Datasheet
660Kb / 1P
Intel® Q370 uATX Motherboard supports 8th/9th Gen Intel® Core-i/Pentium/Celeron Processors*
2021/5/18
logo
Advantech Co., Ltd.
UTC-120 ADVANTECH-UTC-120_V01 Datasheet
1Mb / 4P
21.5" Ubiquitous Touch Computer UTC-120H with 8th Gen Intel® Core™ i5/i3 Processor
5-Dec-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com