Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GOT321W-521-R-DC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT321W-521-R-DC
Description  21.5" FHD TFT Expandable Touch Panel Computer with LGA1151 9th/8th Gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel® Celeron® Processor (up to 35W)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT321W-521-R-DC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT321W-521-R-DC Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT321W-521-R-DC Datasheet HTML 2Page - Axiomtek Co., Ltd. GOT321W-521-R-DC Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.axiomtek.com
Heavy-duty Fanless Touch Panel Computers
Specifications
Front Bezel
Aluminum w/ IP65/NEMA 4 rugged protection
LCD Panel
Display Type
21.5" FHD TFT
Brightness
250 nits
Resolution
1920 x 1080 pixels
Viewing Angle
178°/178°
Main System
CPU
LGA1151 9th/8th gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel® Celeron® processor (up to 35W)
Chipset
Intel® H310
System Memory
1 x 260-pin DDR4-2666/2400 SO-DIMM, up to 32GB
BIOS
AMI UEFI BIOS
Storage
1 x mSATA
1 x 2.5" SATA HDD/SSD (7 mm and 9.5 mm height; removable)
Drive
N/A
Watchdog Timer
255 levels, 0 to 255 sec.
Onboard Graphics
Intel® integrated Gfx graphic engine
IO Connector
1 x 9-pin D-sub Male for RS-232
1 x RS-232/422/485
2 x RJ-45 GbE LAN
2 x USB 3.0
2 x USB 2.0
1 x Phoenix-type connector for DC power input
1 x Switch for power on/off (ATX)
1 x Line-out
1 x HDMI 1.4b
1 x DisplayPort v1.2 (DisplayPort++)
1 x VGA
1 x Remote power switch
1 x AT/ATX switch (DC type only)
1 x Grounding hole (DC version)
TPM
TPM 2.0
Expansion Interface
1 x Full-size PCI Express Mini Card slot (PCIe + SATA + USB)
1 x M.2 Key E 2230 (for Wi-Fi)
Touchscreen
10-point projected capacitive multi-touch
5-wire flat resistive touch
Power Supply
+12V/+19V/+24VDC
1 x Terminal block
Power Consumption
105W
Dimensions (W x D x H) 547.59 x 75.6 x 339.05 mm (21.56" x 2.98" x 13.49")
Packing Dimensions
(W x D x H)
720 x 210 x 550 mm (28.34" x 8.27" x 2.17")
Weight (net/gross)
8.4 kg (18.5 lb)/11.3 kg (24.9 lb)
Operating Temperature 0°C to +50°C (+32°F to +122°F)
Relative Humidity
20% to 90% @ +40°C; non-condensing
Operating Vibration
1.0G, 5 to 500Hz, random
Certifications
CE
Ordering Information
GOT321W-521-C-DC
(P/N: E22B321105)
21.5" FHD TFT fanless touch panel computer with LGA1151 socket 9th/8th gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel®
Celeron® processor (up to 35W), projected capacitive multitouch screen, and 24 VDC terminal block with small Phoenix connector
GOT321W-521-R-DC
(P/N: E22B321106)
21.5" FHD TFT fanless touch panel computer with LGA1151 socket 9th/8th gen Intel® Core™ i7/i5/i3, Intel® Pentium® Gold or Intel®
Celeron® processor (up to 35W), resistive touch screen, and 24 VDC terminal block with small Phoenix connector
* Other configuration by request
* Specification and certifications may vary based on different requirements



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com