Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z40-R1 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ20Z40-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK™ TECHNOLOGY FOR USE WITH THE bq29330
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ20Z40-R1 Datasheet(HTML) 3 Page - Texas Instruments

  BQ20Z40-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Charge Pumps
Overcurrent &
Short Circuit
Protection
N-CH FET
Drive
Impedance
Track™ Gas
Gauging
Pack –
SMBus
Pack +
LDO
& Therm. Drive
& Reset
Therm
Fuse
Temperature
Measurement
& Protection
32kHz Clock
Generator
System
Interface
Voltage Level
Translator
Watchdog &
Protection
Timing
System
Interface
SHA-1
Authentication
Charging
Algorithm
SBS v1.1
Data
Cell & Pack
Voltage
Measurement
Overrcurrent
Protection
Overvoltage &
Undervoltage
Protection
Cell Balancing
Algorithm &
Control
Fail Safe
Protection
bq29330
Validation &
Control
bq20z40–R1
bq29330
bq294xy
Supply Voltage
32KHz
I
2C
Registers
Alert
RSNS
5m – 20m
typ.
Reset
1
XALERT
2
TS2
3
TS1
4
CLKOUT
5
6
PFIN
7
SAFE
8
SMBD
9
NC
10
SMBC
VCELL -
20
VCELL +
19
VCC
18
VSS
17
MRST
16
SRN
15
SRP
14
VSS
13
SCLK
12
SDATA
11
PRES
bq20z40-R1
www.ti.com
SLUS993A
– DECEMBER 2009 – REVISED MARCH 2011
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
SYSTEM PARTITIONING DIAGRAM
Figure 1. System Partitioning
TSSOP (PW) PIN FUNCTIONS
TSSOP (PW)
(TOP VIEW)
TSSOP (PW) PIN CONFIGURATIONS
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
XALERT
I
Input from bq29330 XALERT output
2
TS2
I
2nd Thermistor voltage input connection to monitor temperature
3
TS1
I
1st Thermistor voltage input connection to monitor temperature
4
CLKOUT
O
32.768-kHz output for the bq29330. This pin should be directly connected to the AFE.
(1)
I = Input, IA = Analog input, I/O = Input/output, I/OD = Input/Open-drain output, O = Output, OA = Analog output, P = Power
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :bq20z40-R1
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com