Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z40-R1 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ20Z40-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK™ TECHNOLOGY FOR USE WITH THE bq29330
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ20Z40-R1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ20Z40-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
NC
SMBC
NC
NC
NC
SDATA
SCLK
VSS
NC
NC
VCELL +
VCELL–
NC
XALERT
TS2
TS1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
bq20z40-R1
SLUS993A
– DECEMBER 2009 – REVISED MARCH 2011
www.ti.com
TSSOP (PW) PIN CONFIGURATIONS (continued)
PIN
I/O(1)
DESCRIPTION
NO.
NAME
5
PRES
I
Active low input to sense system insertion. Typically requires additional ESD protection.
Active low input to detect secondary protector output status, and to allow the bq20z40-R1 to report
6
PFIN
I
the status of the 2nd level protection output
7
SAFE
O
Active high output to enforce additional level of safety protection; e.g., fuse blow
SMBus data open-drain bidirectional pin used to transfer address and data to and from the
8
SMBD
I/OD
bq20z40-R1
9
NC
—
Not used
—leave floating
10
SMBC
I/OD
SMBus clock open-drain bidirectional pin used to clock the data transfer to and from the bq20z40-R1
11
SDATA
I/O
Data transfer to and from bq29330
12
SCLK
I/O
Communication clock to the bq29330
13
VSS
—
Connected I/O pin to VSS
Connections for a small-value sense resistor to monitor the battery charge- and discharge-current
14
SRP
IA
flow
Connections for a small-value sense resistor to monitor the battery charge- and discharge-current
15
SRN
IA
flow
Master reset input that forces the device into reset when held low. Must be held high for normal
16
MRST
I
operation
17
VSS
P
Negative Supply Voltage
18
VCC
P
Positive Supply Voltage
19
VCELL+
I
Input from bq29330 used to read a scaled value of individual cell voltages
20
VCELL
–
I
Input from bq29330 used to read a scaled value of individual cell voltages
QFN (RSM) PIN FUNCTIONS
QFN (RSM)
(TOP VIEW)
4
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s) :bq20z40-R1
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com