Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ20Z40-R1 Datasheet(PDF) 5 Page - Texas Instruments

Part # BQ20Z40-R1
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK™ TECHNOLOGY FOR USE WITH THE bq29330
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ20Z40-R1 Datasheet(HTML) 5 Page - Texas Instruments

  BQ20Z40-R1 Datasheet HTML 1Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 2Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 3Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 4Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 5Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 6Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 7Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 8Page - Texas Instruments BQ20Z40-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
bq20z40-R1
www.ti.com
SLUS993A
– DECEMBER 2009 – REVISED MARCH 2011
QFN (RSM) PIN CONFIGURATIONS
PIN
I/O(1)
DESCRIPTION
NO.
NAME
1
NC
—
Not used
—leave floating
2
SMBC
I/OD
SMBus clock open-drain bidirectional pin used to clock the data transfer to and from the bq20z40-R1
3
NC
—
Not used
—leave floating
4
NC
—
Not used
—leave floating
5
NC
—
Not used
—leave floating
6
SDATA
I/O
Data transfer to and from bq29330
7
SCLK
I/O
Communication clock to the bq29330
8
VSS
—
Connected I/O pin to VSS
9
NC
—
Not used
—leave floating
10
NC
—
Not used
—leave floating
Connections for a small-value sense resistor to monitor the battery charge- and discharge-current
11
SRP
IA
flow
12
NC
—
Not used
—leave floating
Connections for a small-value sense resistor to monitor the battery charge- and discharge-current
13
SRN
IA
flow
Master reset input that forces the device into reset when held low. Must be held high for normal
14
MRST
I
operation
15
VSS
P
Negative Supply Voltage
16
VCC
P
Positive Supply Voltage
17
NC
—
Not used
—leave floating
18
NC
—
Not used
—leave floating
19
VCELL+
I
Input from bq29330 used to read a scaled value of individual cell voltages
20
VCELL
–
I
Input from bq29330 used to read a scaled value of individual cell voltages
21
NC
—
Not used
—leave floating
22
XALERT
I
Input from bq29330 XALERT output
23
TS2
I
Thermistor 2 input
24
TS1
I
Thermistor 1 input
25
CLKOUT
O
32.768-kHz output to the bq29330. This pin should be directly connected to the bq29330 AFE.
26
NC
—
Not used
—leave floating
27
NC
—
Not used
—leave floating
28
PRES
I
Active low input to sense system insertion. This typically requires additional ESD protection.
29
NC
—
Not used
—leave floating
Active low input to detect secondary protector output status, and to allow the bq20z40-R1 to report
30
PFIN
I
the status of the 2nd level protection output
31
SAFE
O
Active high output to enforce additional level of safety protection; e.g., fuse blow
SMBus data open-drain bidirectional pin used to transfer address and data to and from the
32
SMBD
I/OD
bq20z40-R1
(1)
I = Input, IA = Analog input, I/O = Input/output, I/OD = Input/Open-drain output, O = Output, OA = Analog output, P = Power
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :bq20z40-R1
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com