Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS065D Datasheet(PDF) 17 Page - Texas Instruments

Part # SNLS065D
Description  DS90C387A/DS90CF388A Dual Pixel LVDS Display Interface / FPD-Link
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS065D Datasheet(HTML) 17 Page - Texas Instruments

Back Button SNLS065D Datasheet HTML 13Page - Texas Instruments SNLS065D Datasheet HTML 14Page - Texas Instruments SNLS065D Datasheet HTML 15Page - Texas Instruments SNLS065D Datasheet HTML 16Page - Texas Instruments SNLS065D Datasheet HTML 17Page - Texas Instruments SNLS065D Datasheet HTML 18Page - Texas Instruments SNLS065D Datasheet HTML 19Page - Texas Instruments SNLS065D Datasheet HTML 20Page - Texas Instruments SNLS065D Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Applications Information (Continued)
DS90C387/DS90CF388
The DS90C387A/CF388A chipset is electrically similar to the
DS90C387/CF388. The DS90C387/CF388 is intended for
improved support of longer cable drive. Cable drive is en-
hanced with a user selectable pre-emphasis feature that
provides additional output current during transitions to coun-
teract cable loading effects. Optional DC balancing on a
cycle-to-cycle basis, is also provided to reduce ISI (Inter-
Symbol Interference). With pre-emphasis and DC balancing,
a low distortion eye-pattern is provided at the receiver end of
the cable. A cable deskew capability has been added to
deskew long cables of pair-to-pair skew of up to +/−1 LVDS
data bit time (up to 80 MHz Clock Rate). These three en-
hancements allow cables 5+ meters in length to be driven
depending upon media and clock rate.
Configuration Table
TABLE 3. Transmitter / Receiver configuration table
Pin
Condition
Configuration
R_FB (Tx only)
R_FB = V
CC
Rising Edge Data Strobe
R_FB = GND
Falling Edge Data Strobe
R_FDE (both Tx and Rx)
R_FDE = V
CC
Active data DE = High
R_FDE = GND
Active data DE = Low
DUAL (Tx only)
DUAL=V
CC
48-bit color (dual pixel) support
DUAL=1/2V
CC
Single-to-dual support
DUAL=Gnd
24-bit color (single pixel) support
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com