Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS065D Datasheet(PDF) 14 Page - Texas Instruments

Part # SNLS065D
Description  DS90C387A/DS90CF388A Dual Pixel LVDS Display Interface / FPD-Link
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS065D Datasheet(HTML) 14 Page - Texas Instruments

Back Button SNLS065D Datasheet HTML 10Page - Texas Instruments SNLS065D Datasheet HTML 11Page - Texas Instruments SNLS065D Datasheet HTML 12Page - Texas Instruments SNLS065D Datasheet HTML 13Page - Texas Instruments SNLS065D Datasheet HTML 14Page - Texas Instruments SNLS065D Datasheet HTML 15Page - Texas Instruments SNLS065D Datasheet HTML 16Page - Texas Instruments SNLS065D Datasheet HTML 17Page - Texas Instruments SNLS065D Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DS90CF388A Pin Descriptions — FPD Link Receiver
Pin Name
I/O
No.
Description
AnP
I
8
Positive LVDS differential data inputs.
AnM
I
8
Negative LVDS differential data inputs.
Rn, Gn, Bn,
DE, HSYNC,
VSYNC
O
51
TTL level data outputs. This includes: 16 Red, 16 Green, 16 Blue, and 3
control lines — HSYNC (LP), VSYNC (FLM), DE (Data Enable).
RxCLK INP
I
1
Positive LVDS differential clock input.
RxCLK INM
I
1
Negative LVDS differential clock input.
RxCLK OUT
O
1
TTL level clock output. The falling edge acts as data strobe.
R_FDE
I
1
Programmable control (DE) strobe select. Tied high for data active when DE
is high. (Note 10)
PLLSEL
I
1
PLL range select. This pin must be tied to V
CC for auto-range. NC or tied to
Ground is reserved for future use. Typical shift point is between 55 and 68
MHz. (Notes 10, 11)
PD
I
1
TTL level input. When asserted (low input) the receiver data outputs are low
and clock output is high. (Note 10)
STOPCLK
O
1
Indicates receiver clock input signal is not present with a logic high. With a
clock input present, a low logic is indicated.
V
CC
I
6
Power supply pins for TTL outputs and digital circuitry.
GND
I
10
Ground pins for TTL outputs and digital circuitry
PLLV
CC
I
1
Power supply for PLL circuitry.
PLLGND
I
2
Ground pin for PLL circuitry.
LVDSV
CC
I
2
Power supply pin for LVDS inputs.
LVDSGND
I
3
Ground pins for LVDS inputs.
CNTLE,
CNTLF
2
No Connect. Make NO Connection to these pins - leave these pins open, do
not tie to ground or V
CC.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com