Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS065D Datasheet(PDF) 5 Page - Texas Instruments

Part # SNLS065D
Description  DS90C387A/DS90CF388A Dual Pixel LVDS Display Interface / FPD-Link
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS065D Datasheet(HTML) 5 Page - Texas Instruments

  SNLS065D Datasheet HTML 1Page - Texas Instruments SNLS065D Datasheet HTML 2Page - Texas Instruments SNLS065D Datasheet HTML 3Page - Texas Instruments SNLS065D Datasheet HTML 4Page - Texas Instruments SNLS065D Datasheet HTML 5Page - Texas Instruments SNLS065D Datasheet HTML 6Page - Texas Instruments SNLS065D Datasheet HTML 7Page - Texas Instruments SNLS065D Datasheet HTML 8Page - Texas Instruments SNLS065D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Electrical Characteristics (Continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TRANSMITTER SUPPLY CURRENT
ICCTW
Transmitter Supply Current
Worst Case
R
L = 100
Ω,C
L =5
pF,
Worst Case
Pattern
(Figures 1, 3),
DUAL=High
(48-bit RGB)
f = 32.5 MHz
115
160
mA
f = 65 MHz
145
200
mA
f = 85 MHz
165
230
mA
f = 112 MHz
210
260
mA
Transmitter Supply Current
16 Grayscale
100
Ω,C
L = 5 pF,
16 Grayscale
Pattern
(Figures 2, 3),
DUAL=High
(48-bit RGB)
f = 32.5 MHz
92
140
mA
f = 65 MHz
100
150
mA
f = 85 MHz
110
170
mA
f = 112 MHz
130
190
mA
ICCTZ
Transmitter Supply Current
Power Down
PD = Low
4.8
50
µA
Driver Outputs in TRI-STATE under
Powerdown Mode
RECEIVER SUPPLY CURRENT
ICCRW
Receiver Supply Current
Worst Case
C
L = 8 pF,
Worst Case
Pattern
(Figures 1, 4),
DUAL = High
(48-bit RGB)
f = 32.5 MHz
100
140
mA
f = 65 MHz
150
200
mA
f = 85 MHz
170
220
mA
f = 112 MHz
185
240
mA
ICCRG
Receiver Support Current
16 Grayscale
C
L = 8 pF,
16 Grayscale
Pattern
(Figures 2, 4),
DUAL = High
(48-bit RGB)
f = 32.5 MHz
45
80
mA
f = 65 MHz
60
110
mA
f = 85 MHz
85
130
mA
f = 112 MHz
110
160
mA
ICCRZ
Receiver Supply Current
Power Down
PD = Low
Receiver Outputs stay low
during Powerdown mode.
255
300
µA
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the device
should be operated at these limits. The tables of “Electrical Characteristics” specify conditions for device operation.
Note 2: Typical values are given for VCC = 3.3V and T A = +25˚C.
Note 3: Current into device pins is defined as positive. Current out of device pins is defined as negative. Voltages are referenced to ground unless otherwise
specified (except VOD and ∆VOD).
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com