Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242F Datasheet(PDF) 37 Page - Power Integrations, Inc.

Part # TOP242F
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242F Datasheet(HTML) 37 Page - Power Integrations, Inc.

Back Button TOP242F Datasheet HTML 33Page - Power Integrations, Inc. TOP242F Datasheet HTML 34Page - Power Integrations, Inc. TOP242F Datasheet HTML 35Page - Power Integrations, Inc. TOP242F Datasheet HTML 36Page - Power Integrations, Inc. TOP242F Datasheet HTML 37Page - Power Integrations, Inc. TOP242F Datasheet HTML 38Page - Power Integrations, Inc. TOP242F Datasheet HTML 39Page - Power Integrations, Inc. TOP242F Datasheet HTML 40Page - Power Integrations, Inc. TOP242F Datasheet HTML 41Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
TOP242-250
37
M
12/04
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 53
(Unless Otherwise Specified)
Min
Typ
Max
Units
CIRCUIT PROTECTION (cont.)
Initial Current Limit
I
INIT
See Note B
≤85 VAC
(Rectified Line Input)
0.75 x
I
LIMIT(MIN)
A
265 VAC
(Rectified Line Input)
0.6 x
I
LIMIT(MIN)
Leading Edge
Blanking Time
t
LEB
See Figure 52
T
J = 25 °C, IC = 4 mA
220
ns
Current Limit
Delay
t
IL(D)
I
C = 4 mA
100
ns
Thermal Shut-
down Temperature
130
140
150
°
C
Thermal Shut-
/=*down Hyster-
esis
Ω
75
°
C
Power-Up Reset
Threshold Voltage VC(RESET)
Figure 53, S1 Open
1.75
3.0
4.25
V
OUTPUT
ON-State
Resistance
R
DS(ON)
TOP242
I
D = 50 mA
T
J = 25 °C
15.6
18.0
Ω
T
J = 100 °C
25.7
30.0
TOP243
I
D = 100 mA
T
J = 25 °C
7.80
9.00
T
J = 100 °C
12.9
15.0
TOP244
I
D = 150 mA
T
J = 25 °C
5.20
6.00
T
J = 100 °C
8.60
10.0
TOP245
I
D = 200 mA
T
J = 25 °C
3.90
4.50
T
J = 100 °C
6.45
7.50
TOP246
I
D = 300 mA
T
J = 25 °C
2.60
3.00
T
J = 100 °C
4.30
5.00
TOP247
I
D = 400 mA
T
J = 25 °C
1.95
2.25
T
J = 100 °C
3.22
3.75
TOP248
I
D = 500 mA
T
J = 25 °C
1.56
1.80
T
J = 100 °C
2.58
3.00
TOP249
I
D = 600 mA
T
J = 25 °C
1.30
1.50
T
J = 100 °C
2.15
2.50
TOP250
I
D = 700 mA
T
J = 25 °C
1.10
1.28
T
J = 100 °C
1.85
2.15
OFF-State Drain
Leakage Current
I
DSS
V
L, VM = Floating; IC = 4 mA
V
DS = 560 V; TJ = 25 °C
470
µ
A
Breakdown
Voltage
BV
DSS
V
L, VM = Floating; IC = 4 mA
See Note D, T
J = 25 °C
700
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com