Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242F Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # TOP242F
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242F Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button TOP242F Datasheet HTML 12Page - Power Integrations, Inc. TOP242F Datasheet HTML 13Page - Power Integrations, Inc. TOP242F Datasheet HTML 14Page - Power Integrations, Inc. TOP242F Datasheet HTML 15Page - Power Integrations, Inc. TOP242F Datasheet HTML 16Page - Power Integrations, Inc. TOP242F Datasheet HTML 17Page - Power Integrations, Inc. TOP242F Datasheet HTML 18Page - Power Integrations, Inc. TOP242F Datasheet HTML 19Page - Power Integrations, Inc. TOP242F Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
TOP242-250
M
12/04
16
Typical Uses of LINE-SENSE (L) and EXTERNAL CURRENT LIMIT (X) Pins (cont.)
X
PI-2625-040501
DC
Input
Voltage
+
-
D
S
C
ON/OFF
47 K
Ω
QR can be an optocoupler
output or can be replaced by
a manual switch.
QR
CONTROL
PI-2621-040501
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
47 k
Ω
QR
RMC
45 k
Ω
QR can be an
optocoupler output or
can be replaced
by a manual switch.
ON/OFF
X
ON/OFF
47 k
Ω
PI-2626-040501
DC
Input
Voltage
+
-
D
S
C
RIL
QR
12 k
Ω
For RIL =
ILIMIT = 69%
25 k
Ω
For RIL =
ILIMIT = 43%
QR can be an optocoupler
output or can be replaced
by a manual switch.
CONTROL
PI-2627-040501
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
47 k
Ω
QR
RMC
45 k
Ω
QR can be an
optocoupler output
or can be replaced
by a manual switch.
ON/OFF
X
RIL
PI-2622-040501
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
47 k
Ω
2 M
Ω
QR
RLS
ON/OFF
For RLS = 2 MΩ
VUV = 100 VDC
VOV = 450 VDC
QR can be an optocoupler
output or can be replaced
by a manual switch.
X
ON/OFF
47 k
Ω
PI-2628-040501
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
RIL
RLS
QR
2 M
Ω
VUV = IUV x RLS
VOV = IOV x RLS
DCMAX@100 VDC = 78%
DCMAX@375 VDC = 38%
12 k
Ω
For RIL =
ILIMIT = 69%
QR can be an optocoupler
output or can be replaced
by a manual switch.
Figure 22. Active-on (Fail Safe) Remove ON/OFF.
Figure 23. Active-off Remote ON/OFF. Maximum Duty Cycle
Reduced.
Figure 24. Active-on Remote ON/OFF with Externally Set Current
Limit.
Figure 25. Active-off Remote ON/OFF with Externally Set Current
Limit.
Figure 26. Active-off Remote ON/OFF with LINE-SENSE.
Figure 27. Active-on Remote ON/OFF with LINE-SENSE and
EXTERNAL CURRENT LIMIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com