Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP242F Datasheet(PDF) 38 Page - Power Integrations, Inc.

Part # TOP242F
Description  TOPSwitch-GX Family Extended Power, Design Flexible, EcoSmart, Integrated Off-line Switcher
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP242F Datasheet(HTML) 38 Page - Power Integrations, Inc.

Back Button TOP242F Datasheet HTML 34Page - Power Integrations, Inc. TOP242F Datasheet HTML 35Page - Power Integrations, Inc. TOP242F Datasheet HTML 36Page - Power Integrations, Inc. TOP242F Datasheet HTML 37Page - Power Integrations, Inc. TOP242F Datasheet HTML 38Page - Power Integrations, Inc. TOP242F Datasheet HTML 39Page - Power Integrations, Inc. TOP242F Datasheet HTML 40Page - Power Integrations, Inc. TOP242F Datasheet HTML 41Page - Power Integrations, Inc. TOP242F Datasheet HTML 42Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
TOP242-250
M
12/04
38
NOTES:
A. For specifications with negative values, a negative temperature coefficient corresponds to an increase in
magnitude with increasing temperature, and a positive temperature coefficient corresponds to a decrease in
magnitude with increasing temperature.
B. Guaranteed by characterization. Not tested in production.
C. For externally adjusted current limit values, please refer to Figures 54b, 55b and 56b (Current Limit vs. External
Current Limit Resistance) in the Typical Performance Characteristics section. The tolerance specified is only valid
at full current limit.
D. Breakdown voltage may be checked against minimum BV
DSS specification by ramping the DRAIN pin voltage up
to but not exceeding minimum BV
DSS.
E. It is possible to start up and operate
TOPSwitch-GX at DRAIN voltages well below 36 V. However, the CONTROL
pin charging current is reduced, which affects start-up time, auto-restart frequency, and auto-restart duty cycle.
Refer to Figure 68, the characteristic graph on CONTROL pin charge current (I
C) vs. DRAIN voltage for low
voltage operation characteristics.
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 53
(Unless Otherwise Specified)
Min
Typ
Max
Units
OUTPUT (cont.)
Rise Time
t
R
Measured in a Typical Flyback
Converter Application
100
ns
Fall Time
t
F
50
ns
SUPPLY VOLTAGE CHARACTERISTICS
DRAIN Supply
Voltage
See Note E
36
V
Shunt Regulator
Voltage
V
C(SHUNT)
I
C = 4 mA
5.60
5.85
6.10
V
Shunt Regulator
Temperature Drift
±50
ppm/°C
Control Supply/
Discharge Current
I
CD1
Output MOSFET
Enabled
V
X, VL, VM = 0 V
TOP242-245
1.0
1.6
2.5
mA
TOP246-249
1.2
2.2
3.2
TOP250
1.3
2.4
3.65
I
CD2
Output MOSFET
Disabled
V
X, VL, VM = 0 V
0.3
0.6
1.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com