Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT11 Datasheet(PDF) 7 Page - OSEPP

Part # DHT11
Description  DHT11 Humidity & Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSEPP [OSEPP]
Direct Link  https://osepp.com/
Logo OSEPP - OSEPP

DHT11 Datasheet(HTML) 7 Page - OSEPP

  DHT11 Datasheet HTML 1Page - OSEPP DHT11 Datasheet HTML 2Page - OSEPP DHT11 Datasheet HTML 3Page - OSEPP DHT11 Datasheet HTML 4Page - OSEPP DHT11 Datasheet HTML 5Page - OSEPP DHT11 Datasheet HTML 6Page - OSEPP DHT11 Datasheet HTML 7Page - OSEPP DHT11 Datasheet HTML 8Page - OSEPP DHT11 Datasheet HTML 9Page - OSEPP  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Page | 7
5.3 DHT Responses to MCU (Figure 3, above)
Once DHT detects the start signal, it will send out a low-voltage-level response signal, which
lasts 80us. Then the programme of DHT sets Data Single-bus voltage level from low to high and
keeps it for 80us for DHT’s preparation for sending data.
When DATA Single-Bus is at the low voltage level, this means that DHT is sending the response
signal. Once DHT sent out the response signal, it pulls up voltage and keeps it for 80us and
prepares for data transmission.
When DHT is sending data to MCU, every bit of data begins with the 50us low-voltage-level and
the length of the following high-voltage-level signal determines whether data bit is "0" or "1"
(see Figures 4 and 5 below).
Figure 4 Data "0" Indication



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com