Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT11 Datasheet(PDF) 5 Page - OSEPP

Part # DHT11
Description  DHT11 Humidity & Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSEPP [OSEPP]
Direct Link  https://osepp.com/
Logo OSEPP - OSEPP

DHT11 Datasheet(HTML) 5 Page - OSEPP

  DHT11 Datasheet HTML 1Page - OSEPP DHT11 Datasheet HTML 2Page - OSEPP DHT11 Datasheet HTML 3Page - OSEPP DHT11 Datasheet HTML 4Page - OSEPP DHT11 Datasheet HTML 5Page - OSEPP DHT11 Datasheet HTML 6Page - OSEPP DHT11 Datasheet HTML 7Page - OSEPP DHT11 Datasheet HTML 8Page - OSEPP DHT11 Datasheet HTML 9Page - OSEPP  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Page | 5
3. Typical Application (Figure 1)
Figure 1 Typical Application
Note: 3Pin – Null; MCU = Micro-computer Unite or single chip Computer
When the connecting cable is shorter than 20 metres, a 5K pull-up resistor is recommended;
when the connecting cable is longer than 20 metres, choose a appropriate pull-up resistor as
needed.
4. Power and Pin
DHT11’s power supply is 3-5.5V DC. When power is supplied to the sensor, do not send any
instruction to the sensor in within one second in order to pass the unstable status. One
capacitor valued 100nF can be added between VDD and GND for power filtering.
5. Communication Process: Serial Interface (Single-Wire Two-Way)
Single-bus data format is used for communication and synchronization between MCU and
DHT11 sensor. One communication process is about 4ms.
Data consists of decimal and integral parts. A complete data transmission is 40bit, and the
sensor sends higher data bit first.
Data format: 8bit integral RH data + 8bit decimal RH data + 8bit integral T data + 8bit decimal T
data + 8bit check sum. If the data transmission is right, the check-sum should be the last 8bit of
"8bit integral RH data + 8bit decimal RH data + 8bit integral T data + 8bit decimal T data".



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com