Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHT11 Datasheet(PDF) 4 Page - OSEPP

Part # DHT11
Description  DHT11 Humidity & Temperature Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSEPP [OSEPP]
Direct Link  https://osepp.com/
Logo OSEPP - OSEPP

DHT11 Datasheet(HTML) 4 Page - OSEPP

  DHT11 Datasheet HTML 1Page - OSEPP DHT11 Datasheet HTML 2Page - OSEPP DHT11 Datasheet HTML 3Page - OSEPP DHT11 Datasheet HTML 4Page - OSEPP DHT11 Datasheet HTML 5Page - OSEPP DHT11 Datasheet HTML 6Page - OSEPP DHT11 Datasheet HTML 7Page - OSEPP DHT11 Datasheet HTML 8Page - OSEPP DHT11 Datasheet HTML 9Page - OSEPP  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Page | 4
Detailed Specifications:
Parameters
Conditions
Minimum
Typical
Maximum
Humidity
Resolution
1%RH
1%RH
1%RH
8 Bit
Repeatability
±1%RH
Accuracy
25℃
±4%RH
0-50℃
±5%RH
Interchangeability Fully Interchangeable
Measurement
Range
0℃
30%RH
90%RH
25℃
20%RH
90%RH
50℃
20%RH
80%RH
Response Time
(Seconds)
1/e(63%)25℃,
1m/s Air
6 S
10 S
15 S
Hysteresis
±1%RH
Long-Term
Stability
Typical
±1%RH/year
Temperature
Resolution
1℃
1℃
1℃
8 Bit
8 Bit
8 Bit
Repeatability
±1℃
Accuracy
±1℃
±2℃
Measurement
Range
0℃
50℃
Response Time
(Seconds)
1/e(63%)
6 S
30 S



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com