Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2694MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2694MT/NOPB
Description  LM2694 30V, 600 mA Step Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2694MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM2694MT/NOPB Datasheet HTML 1Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 2Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 3Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 4Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 5Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 6Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 7Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 8Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
VIN (V)
5
8 10
15
20
25
30
0
1.0
2.0
3.0
RON = 50k
100k
500k
VIN (V)
5
8 10
15
20
25
30
800
700
600
500
400
300
200
100
0
Operating Current (FB = 3V)
Shutdown Current (RON/SD = 0V)
VIN (V)
5
8 10
15
20
25
30
0.1
0.3
1.0
3.0
10
RON = 500k
300k
100k
50k
8.0
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
7
8
9
10
11
12
13
EXTERNALLY APPLIED VCC (V)
14
FS = 200 kHz
FS = 550 kHz
FS = 100 kHz
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
ICC (mA)
VIN = 8V
VIN = 9V
VCC Externally Loaded
FS = 200 kHz
VIN t 10V
6.5
7.0
7.5
8.0
8.5
9.0
9.5
VIN (V)
5.0
5.5
6.0
6.5
7.0
7.5
10
Load Current = 300 mA
ICC = 0 mA
FS = 200 kHz
FS = 620 kHz
FS = 100 kHz
LM2694
www.ti.com
SNVS444A – MAY 2006 – REVISED APRIL 2013
Typical Performance Characteristics
Figure 3. VCC vs VIN
Figure 4. VCC vs ICC
Figure 5. ICC vs Externally Applied VCC
Figure 6. ON-Time vs VIN and RON
Figure 7. Voltage at RON/SD Pin
Figure 8. IIN vs VIN
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com