Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2694MT/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LM2694MT/NOPB
Description  LM2694 30V, 600 mA Step Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2694MT/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM2694MT/NOPB Datasheet HTML 7Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 8Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 9Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 10Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 11Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 12Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 13Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 14Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
RON =
5V x (8V ± 1.5V)
8V x 250 kHz x 1.14 x 10
-10
- 1.4 k: = 141 k:
LM2694
www.ti.com
SNVS444A – MAY 2006 – REVISED APRIL 2013
Softstart
The softstart feature allows the converter to gradually reach a steady state operating point, thereby reducing
start-up stresses and current surges. Upon turn-on, after VCC reaches the under-voltage threshold, an internal 12
µA current source charges up the external capacitor at the SS pin to 2.5V. The ramping voltage at SS (and the
non-inverting input of the regulation comparator) ramps up the output voltage in a controlled manner.
An internal switch grounds the SS pin if VCC is below the under-voltage lockout threshold, if a thermal shutdown
occurs, or if the RON/SD pin is grounded.
Thermal Shutdown
The LM2694 should be operated so the junction temperature does not exceed 125°C. If the junction temperature
increases, an internal Thermal Shutdown circuit, which activates (typically) at 175°C, takes the controller to a low
power reset state by disabling the buck switch and the on-timer, and grounding the Softstart pin. This feature
helps prevent catastrophic failures from accidental device overheating. When the junction temperature reduces
below 155°C (typical hysteresis = 20°C), the Softstart pin is released and normal operation resumes.
APPLICATIONS INFORMATION
EXTERNAL COMPONENTS
The procedure for calculating the external components is illustrated with a design example. Referring to the
Block Diagram, the circuit is to be configured for the following specifications:
•
VOUT = 5V
•
VIN = 8V to 30V
•
FS = 250 kHz
•
Minimum load current = 100 mA
•
Maximum load current = 600 mA
•
Softstart time = 5 ms.
R1 and R2: These resistors set the output voltage, and their ratio is calculated from:
R1/R2 = (VOUT/2.5V) - 1
(9)
R1/R2 calculates to 1.0. The resistors should be chosen from standard value resistors in the range of 1.0 k
Ω - 10
k
Ω. A value of 2.5 kΩ will be used for R1 and for R2.
RON, FS: RON can be chosen using Equation 6 to set the nominal frequency, or from Equation 5 if the on-time at
a particular VIN is important. A higher frequency generally means a smaller inductor and capacitors (value, size
and cost), but higher switching losses. A lower frequency means a higher efficiency, but with larger components.
Generally, if PC board space is tight, a higher frequency is better. The resulting on-time and frequency have a
±25% tolerance. Using Equation 6 at a VIN of 8V,
(10)
A value of 140 k
Ω will be used for RON, yielding a nominal frequency of 252 kHz.
L1: The guideline for choosing the inductor value in this example is that it must keep the circuit’s operation in
continuous conduction mode at minimum load current. This is not a strict requirement since the LM2694
regulates correctly when in discontinuous conduction mode, although at a lower frequency. However, to provide
an initial value for L1 the above guideline will be used.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com