Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2694MT/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LM2694MT/NOPB
Description  LM2694 30V, 600 mA Step Down Switching Regulator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2694MT/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM2694MT/NOPB Datasheet HTML 5Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 6Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 7Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 8Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 9Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 10Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 11Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 12Page - Texas Instruments LM2694MT/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
tON(min) =
VOUT x 305 ns
(VIN(min) - VOUT)
RON =
VOUT x (VIN ± 1.5V)
FS x 1.14 x 10
-10 x V
IN
- 1.4 k:
tON =
VIN ± 1.5V
1.14 x 10
-10 x (R
ON + 1.4 k
:)
+ 95 ns
FB
SW
L1
C2
R1
R2
R3
LM2694
BST
VCC
D2
C3
C4
D1
ISEN
SGND
VOUT1
LM2694
www.ti.com
SNVS444A – MAY 2006 – REVISED APRIL 2013
Figure 10. Self Biased Configuration
Regulation Comparator
The feedback voltage at FB is compared to the voltage at the Softstart pin (2.5V). In normal operation (the output
voltage is regulated), an on-time period is initiated when the voltage at FB falls below 2.5V. The buck switch
stays on for the programmed on-time, causing the FB voltage to rise above 2.5V. After the on-time period, the
buck switch stays off until the FB voltage falls below 2.5V. Input bias current at the FB pin is less than 100 nA
over temperature.
Over-Voltage Comparator
The voltage at FB is compared to an internal 2.9V reference. If the voltage at FB rises above 2.9V the on-time
pulse is immediately terminated. This condition can occur if the input voltage or the output load changes
suddenly, or if the inductor (L1) saturates. The buck switch remains off until the voltage at FB falls below 2.5V.
ON-Time Timer, and Shutdown
The on-time for the LM2694 is determined by the RON resistor and the input voltage (VIN), and is calculated from:
(5)
See Figure 6. The inverse relationship with VIN results in a nearly constant frequency as VIN is varied. To set a
specific continuous conduction mode switching frequency (FS), the RON resistor is determined from the following:
(6)
In high frequency applications the minimum value for tON is limited by the maximum duty cycle required for
regulation and the minimum off-time of 265 ns, ±15%. The minimum off-time limits the maximum duty cycle
achievable with a low voltage at VIN. The minimum allowed on-time to regulate the desired VOUT at the minimum
VIN is determined from the following:
(7)
The LM2694 can be remotely shut down by taking the RON/SD pin below 0.8V. See Figure 11. In this mode the
SS pin is internally grounded, the on-timer is disabled, and bias currents are reduced. Releasing the RON/SD pin
allows normal operation to resume. The voltage at the RON/SD pin is normally between 1.5V and 3.0V,
depending on VIN and the RON resistor.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2694



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com