Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP221YN Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TOP221YN
Description  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP221YN Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TOP221YN Datasheet HTML 3Page - Power Integrations, Inc. TOP221YN Datasheet HTML 4Page - Power Integrations, Inc. TOP221YN Datasheet HTML 5Page - Power Integrations, Inc. TOP221YN Datasheet HTML 6Page - Power Integrations, Inc. TOP221YN Datasheet HTML 7Page - Power Integrations, Inc. TOP221YN Datasheet HTML 8Page - Power Integrations, Inc. TOP221YN Datasheet HTML 9Page - Power Integrations, Inc. TOP221YN Datasheet HTML 10Page - Power Integrations, Inc. TOP221YN Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Rev. G 08/16
7
TOP221-227
www.power.com
20 W Universal Supply using 8 Lead PDIP
Figure 8 shows a 12 V, 20 W secondary regulated flyback
power supply using the TOP224P in an eight lead PDIP
package and operating from universal 85 to 265 VAC input
voltage. This example demonstrates the advantage of the
higher power 8 pin leadframe used with the TOPSwitch-II
family. This low cost package transfers heat directly to the
board through six source pins, eliminating the heatsink and
the associated cost. Efficiency is typically 80% at low line
input. Output voltage is directly sensed by optocoupler U2
and Zener diode VR2. The output voltage is determined by
the Zener diode (VR2) voltage and the voltage drops across
the optocoupler (U2) LED and resistor R1. Other output
voltages are possible by adjusting the transformer turns ratio
and value of Zener diode VR2.
AC power is rectified and filtered by BR1 and C1 to create
the high voltage DC bus applied to the primary winding of
T1. The other side of the transformer primary is driven by
the integrated TOPSwitch-II high-voltage MOSFET. D1 and
VR1 clamp leading-edge voltage spikes caused by trans-
former leakage inductance. The power secondary winding
is rectified and filtered by D2, C2, L1, and C3 to create the
12 V output voltage. R2 and VR2 provide a slight pre-load
on the 12 V output to improve load regulation at light loads.
The bias winding is rectified and filtered by D3 and C4 to
create a TOPSwitch bias voltage. L2 and Y1-safety capaci-
tor C7 attenuate common mode emission currents caused
by high-voltage switching waveforms on the DRAIN side of
the primary winding and the primary to secondary capaci-
tance. Leakage inductance of L2 with C1 and C6 attenu-
ates differential-mode emission currents caused by the
fundamental and harmonics of the trapezoidal or triangular
primary current waveform. C5 filters internal MOSFET gate
drive charge current spikes on the CONTROL pin, deter-
mines the auto-restart frequency, and together with R1 and
R3, compensates the control loop.
Figure 8. Schematic Diagram of a 20 W Universal Input TOPSwitch-II Power Supply using an 8 lead PDIP.
PI-2019-033197
D2
MUR420
D3
1N4148
C2
330
µF
35 V
C3
220
µF
35 V
T1
D1
BYV26C
VR1
P6KE200
VR2
1N5241B
11 V
R2
220
Ω
BR1
400 V
C1
47
µF
400 V
F1
3.15 A
J1
C6
0.1
µF
250 VAC
L2
22 mH
L
N
C5
47
µF
U1
TOP224P
D
S
C
CONTROL
TOPSwitch-II
R3
6.8
Ω
L1
3.3
µH
C4
0.1
µF
U2
PC817A
R1
100
Ω
C7
1 nF
250 VAC
Y1
+12 V
RTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com