Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP221YN Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TOP221YN
Description  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP221YN Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TOP221YN Datasheet HTML 4Page - Power Integrations, Inc. TOP221YN Datasheet HTML 5Page - Power Integrations, Inc. TOP221YN Datasheet HTML 6Page - Power Integrations, Inc. TOP221YN Datasheet HTML 7Page - Power Integrations, Inc. TOP221YN Datasheet HTML 8Page - Power Integrations, Inc. TOP221YN Datasheet HTML 9Page - Power Integrations, Inc. TOP221YN Datasheet HTML 10Page - Power Integrations, Inc. TOP221YN Datasheet HTML 11Page - Power Integrations, Inc. TOP221YN Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Rev. G 08/16
8
TOP221-227
www.power.com
Key Application Considerations
General Guidelines
• Keep the SOURCE pin length very short. Use a Kelvin
connection to the SOURCE pin for the CONTROL pin by-
pass capacitor. Use single point grounding techniques
at the SOURCE pin as shown in Figure 9.
• Minimize peak voltage and ringing on the DRAIN volt-
age at turn-off. Use a Zener or TVS Zener diode to
clamp the drain voltage below the breakdown voltage
rating of TOPSwitch under all conditions, including start-
up and overload. The maximum recommended clamp
Zener voltage for the TOP2XX series is 200 V and the
corresponding maximum reflected output voltage on the
primary is 135 V. Please see Step 4: AN-16 in the 1996-
97 Data Book and Design Guide or on our Web site.
• The transformer should be designed such that the rate
of change of drain current due to transformer saturation
is within the absolute maximum specification (
∆I
D in
100 ns before turn off as shown in Figure 13). As a
guideline, for most common transformer cores, this can
be achieved by maintaining the Peak Flux Density (at
maximum I
LIMIT current) below 4200 Gauss (420 mT).
The transformer spreadsheets Rev. 2.1 (or later) for con-
tinuous and Rev.1.0 (or later) for discontinuous conduc-
tion mode provide the necessary information.
• Do not plug TOPSwitch into a “hot” IC socket dur-
ing test. External CONTROL pin capacitance may be
charged to excessive voltage and cause TOPSwitch
damage.
• While performing TOPSwitch device tests, do not
exceed maximum CONTROL pin voltage of 9 V or maxi-
mum CONTROL pin current of 100 mA.
• Under some conditions, externally provided bias or
supply current driven into the CONTROL pin can hold
the TOPSwitch in one of the 8 auto-restart cycles in-
definitely and prevent starting. To avoid this problem when
doing bench evaluations, it is recommended that the V
C
power supply be turned on before the DRAIN voltage is
applied. TOPSwitch can also be reset by shorting the
CONTROL pin to the SOURCE pin momentarily.
• CONTROL pin currents during auto-restart operation
are much lower at low input voltages (< 36 V) which in-
creases the auto-restart cycle time (see the I
C vs. DRAIN
Voltage Characteristic curve).
• Short interruptions of AC power may cause TOPSwitch
to enter the 8-count auto-restart cycle before starting
again. This is because the input energy storage capaci-
tors are not completely discharged and the CONTROL
pin capacitance has not discharged below the internal
power-up reset voltage.
• In some cases, minimum loading may be necessary to
keep a lightly loaded or unloaded output voltage within
the desired range due to the minimum ON-time.
Replacing TOPSwitch with TOPSwitch-II
There is no external latching shutdown function in
TOPSwitch-II. Otherwise, the functionality of the TOPSwitch-II
devices is same as that of the TOPSwitch family. However,
before considering TOPSwitch-II as a 'drop in' replace-
ment in an existing TOPSwitch design, the design should
be verified as described below.
The new TOPSwitch-II family offers more power capability
than the original TOPSwitch family for the same MOSFET
R
DS(ON). Therefore, the original TOPSwitch design must
be reviewed to make sure that the selected TOPSwitch-II
replacement device and other primary components are not
over stressed under abnormal conditions.
The following verification steps are recommended:
• Check the transformer design to make sure that it
meets the
∆I
D specification as outlined in the General
Guidelines section above.
• Thermal: Higher power capability of the TOPSwitch-II
would in many instances allow use of a smaller MOS-
FET device (higher R
DS(ON)) for reduced cost. This may
affect TOPSwitch power dissipation and power supply
efficiency. Therefore thermal performance of the power
supply must be verified with the selected TOPSwitch-II
device.
• Clamp Voltage: Reflected and Clamp voltages should
be verified not to exceed recommended maximums
for the TOP2XX Series: 135 V Reflected/200 V Clamp.
Please see Step 4: AN-16 in the Data Book and Design
Guide and readme.txt file attached to the transformer
design spreadsheets.
• Agency Approval: Migrating to TOPSwitch-II may
require agency re-approval.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com