Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP221YN Datasheet(PDF) 15 Page - Power Integrations, Inc.

Part # TOP221YN
Description  Three-Terminal Off-Line PWM Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP221YN Datasheet(HTML) 15 Page - Power Integrations, Inc.

Back Button TOP221YN Datasheet HTML 11Page - Power Integrations, Inc. TOP221YN Datasheet HTML 12Page - Power Integrations, Inc. TOP221YN Datasheet HTML 13Page - Power Integrations, Inc. TOP221YN Datasheet HTML 14Page - Power Integrations, Inc. TOP221YN Datasheet HTML 15Page - Power Integrations, Inc. TOP221YN Datasheet HTML 16Page - Power Integrations, Inc. TOP221YN Datasheet HTML 17Page - Power Integrations, Inc. TOP221YN Datasheet HTML 18Page - Power Integrations, Inc. TOP221YN Datasheet HTML 19Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Rev. G 08/16
15
TOP221-227
www.power.com
PI-1964-110696
0.1
µF
47
µF
0-50 V
40 V
470
Ω
5 W
S2
S1
470
Ω
NOTES: 1. This test circuit is not applicable for current limit or output characteristic measurements.
2. For P package, short all SOURCE and SOURCE (HV RTN) pins together.
D
S
C
CONTROL
TOPSwitch
Figure 14. TOPSwitch General Test Circuit.
Figure 15. Breakdown Voltage and Leakage Current Measurement Test Circuit.
PI-2109-040401
Curve
Tracer
NOTE: This CONTROL pin sequence interrupts the Auto-restart sequence and
locks the TOPSwitch internal MOSFET in the OFF-State.
D
S
C
CONTROL
TOPSwitch
B
C
E
6.5 V
4.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com