Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3550SPX/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # LM3550SPX/NOPB
Description  LM3550 5-A Super-Capacitor Flash LED Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3550SPX/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button LM3550SPX/NOPB Datasheet HTML 20Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 21Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 22Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 23Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 24Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 25Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 26Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 27Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
ADR6
bit7
ADR5
bit6
ADR4
bit5
ADR3
bit4
ADR2
bit3
ADR1
bit2
ADR0
bit1
R/W
bit0
MSB
LSB
1
0
1
0
1
0
1
I
2
C Slave Address (chip address)
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
start
Id = 53h
w
ack
addr = 10h
ack
ack
data = 08h
stop
SDA
24
LM3550
SNVS569C – MAY 2009 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM3550
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Programming (continued)
7.5.1.3 Transferring Data
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) being transferred first.
Each byte of data has to be followed by an acknowledge bit. The acknowledge-related clock pulse is generated
by the master. The master releases the SDA line (HIGH) during the acknowledge clock pulse. The LM3550 pulls
down the SDA line during the 9th clock pulse, signifying an acknowledge. The LM3550 generates an
acknowledge after each byte has been received.
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LM3550 address is 53h. For the eighth bit, a 0 indicates a
WRITE and a 1 indicates a READ. The second byte selects the register to which the data will be written. The
third byte contains data to write to the selected register.
w = write (SDA = 0)
ack = acknowledge (SDA pulled down by the slave)
id = chip address, 53h for LM3550
Figure 46. Write Cycle
7.5.1.4 I2C-Compatible Child Address: 0x53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com