Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3550SPX/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Part # LM3550SPX/NOPB
Description  LM3550 5-A Super-Capacitor Flash LED Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3550SPX/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LM3550SPX/NOPB Datasheet HTML 30Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 31Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 32Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 33Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 34Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 35Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 36Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 37Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
IFlash
(0A to 3A)
TIME (1 Ps/div.)
VSTROBE
(2V/div.)
IFlash = 3A
TIME (20 ms/div.)
VCAP
2V/div.
ICharge
(500 mA/div.)
IIN
(500 mA/div.)
STROBE
EOCB
IFlash
(0A to 3A)
VCAP
(2V/div.)
ICharge
(200mA/div.)
TIME (20 ms/div.)
IIN
(200mA/div.)
IFlash
(0A to 3A)
VCAP
(2V/div.)
ICharge
(200mA/div.)
TIME (200 ms/div.)
IIN
(200mA/div.)
EOCB
VIN (V)
100
90
80
70
60
50
40
30
20
10
0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VLED = 3.0V
VLED = 3.3V
VLED = 3.6V
ILED = 200 mA
VIN
(2V/div.)
VCAP
(2V/div.)
ICharge
(200 mA/div.)
TIME (1s/div.)
EOCB
IIN
(200 mA/div.)
34
LM3550
SNVS569C – MAY 2009 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM3550
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
200 mA
Figure 60. LED Efficiency vs Input Voltage Torch Mode
Figure 61. 5.3-V Mode Super Capacitor Charge
Figure 62. 2 LED, 3-A Flash (1.5 A Each)
Figure 63. 5.3-V Mode Super Capacitor Recharge
Figure 64. Strobe-to-Flash Delay
Figure 65. Edge-Sensitive Strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com