Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3550SPX/NOPB Datasheet(PDF) 36 Page - Texas Instruments

Part # LM3550SPX/NOPB
Description  LM3550 5-A Super-Capacitor Flash LED Driver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3550SPX/NOPB Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM3550SPX/NOPB Datasheet HTML 32Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 33Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 34Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 35Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 36Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 37Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 38Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 39Page - Texas Instruments LM3550SPX/NOPB Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
4.2 mm
3 mm
Current Source
Super-Capacitor
Charger
36
LM3550
SNVS569C – MAY 2009 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM3550
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
The UQFN is a leadless package with very good thermal properties. This package has an exposed DAP (die
attach pad) at the underside center of the package measuring 1.86 mm × 2.2 mm. The main advantage of this
exposed DAP is to offer low thermal resistance when soldered to the thermal ground pad on the PCB. For good
PCB layout TI recommends a 1:1 ratio between the package and the PCB thermal land. To further enhance
thermal conductivity, the PCB thermal ground pad may include vias to a 2nd layer ground plane. For more
detailed instructions on mounting UQFN packages, refer to AN-1187 Leadless Leadframe Package (LLP).
The proceeding steps must be followed to ensure stable operation and proper current source regulation.
1. Bypass VIN with at least a 4.7-µF ceramic capacitor. Connect the positive terminal of this capacitor as close
as possible to VIN.
2. Connect COUT as close as possible to the VOUT pin with at least a 2.2-µF capacitor.
3. Connect the return terminals of the input capacitor and the output capacitor as close as possible to the
exposed DAP and GND pins through low impedance traces.
4. Place the two 1-µF flying capacitors (C1 and C2) as close as possible to the LM3550 C1+, C1
− and C2+,
C2
− pins.
5. To minimize losses during the flash pulse, TI recommends that the flash LEDs, the current source NFET,
and current-setting resistor be placed as close as possible to the super capacitor.
10.2 Layout Example
Figure 72. LM3550 Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com