Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565TLE/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3565TLE/NOPB
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3565TLE/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3565TLE/NOPB Datasheet HTML 17Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 18Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 19Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 20Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 21Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 22Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 23Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 24Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
FT7
FT6
FT5
FT4
FT3
FT2
FT1
FT0
Timing Control Register
Address: 0x05
Default:
0
0
1
0
0
0
1
1
Definition:
LM3565
www.ti.com
SNVS957 – JANUARY 2013
LVEN: Flash Low Voltage Checking Enable Bit. '0' = Disabled, '1' = Enabled
LVL2-LVL0: Flash Low Voltage Detection Level. See Table 5.
LVR1-LVR0: Flash Low Voltage Current Reduction Level.
See Table 5.
LVRS: State Machine Reset Bit. '0' = Normal operation, '1' = RESET
Table 5. Flash Low Voltage Detection Levels
Input Voltage
LVL2
LVL1
LVL0
Level
0
0
0
3.0V
0
0
1
3.1V
0
1
0
3.2V
0
1
1
3.3V
1
0
0
3.4V
1
0
1
3.5V
1
1
0
3.6V
1
1
1
3.7V
Table 6. Flash Low Voltage Current Reduction Values
ICL1
ICL0
Peak Inductor Current Limit
0
0
150 mA
0
1
180 mA
1
0
210 mA
1
1
240 mA
FT7-FT0: Flash Timeout Duration Bits.
Flash Time = (2 + N x 2)ms, where 0
≤ N ≤ 255
'0x00' = 2ms, '0x01' = 4ms, '0x02' = 6ms, . . ., '0x22' = 126ms, . . ., '0xFF' = 512 ms.
Copyright © 2013, Texas Instruments Incorporated
21
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com