Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565TLE/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LM3565TLE/NOPB
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3565TLE/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM3565TLE/NOPB Datasheet HTML 19Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 20Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 21Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 22Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 23Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 24Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 25Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 26Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
IV
LV
FON
CO
RFU
RFU
RFU
RFU
ADC Control
Address: 0x09
Default:
0
0
0
0
0
0
0
0
Definition:
OVP
SC
OTP
TO
TXM RFU
ILV
UVLO
Fault and Info Register
Address: 0x08
Default:
0
0
0
0
0
0
0
0
Definition:
x
x
x
x
OEN
x
OM1 OM0
Output Mode Register
Address: 0x07
Default:
0
0
0
0
0
0
0
0
Definition:
LM3565
www.ti.com
SNVS957 – JANUARY 2013
OEN: Output Enable Bit. '0' = Disabled, '1' = Enabled
OM1-OM0: Output Mode Bits. See Output Modes table.
Table 8. Output Modes
OM1
OM0
Output Mode
0
0
External Torch
0
1
Do Not Use
1
0
Assist Light
1
1
Flash
OVP: Over-Voltage Protection Fault Flag
SC: Short Circuit Fault Flag
OTP: Over Temperature Protection Flag
TO: Flash Timeout Flag TXM: TX-Mask Event Flag
ILV: Input Low Voltage Fault Flag
UVLO: Under Voltage Lock Out Fault Flag
IV: ADC Input Voltage Measurement Enable Bit. '0' = Disabled, '1' = Enabled
LV: ADC LED Voltage Measurement Enable Bit. '0' = Disabled, '1' = Enabled
FON: Input Voltage Measurement during Flash Bit. '0' = Without Flash Current, '1' = With Flash Current
CO: Open Output Capacitor Fault Bit. '0' = Normal Operation, '1' = Missing Output Capacitor
Copyright © 2013, Texas Instruments Incorporated
23
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com