Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3565TLE/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Part # LM3565TLE/NOPB
Description  4MHz, High-Current Flash LED Driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3565TLE/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM3565TLE/NOPB Datasheet HTML 26Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 27Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 28Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 29Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 30Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 31Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 32Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 33Page - Texas Instruments LM3565TLE/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
LM3565
SNVS957 – JANUARY 2013
www.ti.com
Capacitor Selection
The LM3565 requires 3 external capacitors for proper operation (CIN = 10 µF recommended (4.7 µF min) and 2 ×
COUT = 10 µF ). An additional 0.1 µF input capacitor placed right next to the VIN pin is recommended. Surface-
mount multi-layer ceramic capacitors are recommended. These capacitors are small, inexpensive, and have very
low equivalent series resistance (ESR <20 m
Ω typ.). Tantalum capacitors, OS-CON capacitors, and aluminum
electrolytic capacitors are not recommended for use with the LM3565 due to their high ESR, as compared to
ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with
the LM3565. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over
−55°C to 125°C; X5R: ±15% over −55°C to 85°C).
Capacitors with Y5V or Z5U temperature characteristic are generally not recommended for use with the LM3565.
Capacitors with these temperature characteristics typically have wide capacitance tolerance (+80%,
−20%) and
vary significantly over temperature (Y5V: +22%,
−82% over −30°C to +85°C range; Z5U: +22%, −56% over
+10°C to +85°C range). Under some conditions, a nominal 1µF Y5V or Z5U capacitor could have a capacitance
of only 0.1 µF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LM3565.
The recommended voltage rating for the input capacitor is 10V (min = 6.3V). The recommended output capacitor
voltage rating is 16V (min = 10V). The recommended value takes into account the DC bias capacitance losses,
while the minimum rating takes into account the OVP trip levels.
Layout Considerations
The DSBGA is a chip-scale package with good thermal properties. For more detailed instructions on handling
and mounting DSBGA packages, refer to Texas Instruments Application Note AN-1112.
The high switching frequencies and large peak currents make the PCB layout a critical part of the design. The
proceeding steps must be followed to ensure stable operation and proper current source regulation.
1. Connect the inductor as close as possible to the SW pin. This reduces the inductance and resistance of the
switching node which minimizes ringing and excess voltage drops.
2. Connect the return terminals of the input capacitor and the output capacitor as close as possible to the
PGND pins and through low impedance traces.
3. Bypass VIN with a 10 µF ceramic capacitor and an additional 0.1 µF ceramic capacitor. Connect the positive
terminal of this capacitor as close as possible to VIN.
4. Connect COUT as close as possible to the VOUT pin. This reduces the inductance and resistance of the output
bypass node which minimizes ringing and voltage drops. This will improve efficiency and decrease the noise
injected into the current sources.
30
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM3565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com