Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4675TL/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4675TL/NOPB
Description  LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4675TL/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM4675TL/NOPB Datasheet HTML 1Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 2Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 3Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 4Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 5Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 6Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 7Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 8Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM4675, LM4675SDBD, LM4675TLBD
SNAS353C – AUGUST 2006 – REVISED MAY 2013
www.ti.com
Electrical Characteristics
(1) (2)
The following specifications apply for AV = 2V/V (RI = 150kΩ), RL = 15µH + 8Ω + 15µH unless otherwise specified. Limits
apply for TA = 25°C.
LM4675
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
Differential Output Offset
VI = 0V, AV = 2V/V,
|VOS|
3
mV
Voltage
VDD = 2.4V to 5.0V
|IIH|
Logic High Input Current
VDD = 5.0V, VI = 5.5V
17
100
μA (max)
|IIL|
Logic Low Input Current
VDD = 5.0V, VI = –0.3V
0.9
5
μA (max)
VIN = 0V, No Load, VDD = 5.0V
2.8
3.9
mA (max)
VIN = 0V, No Load, VDD = 3.6V
2.2
2.9
mA
VIN = 0V, No Load, VDD = 2.4V
1.6
2.3
mA (max)
Quiescent Power Supply
IDD
Current
VIN = 0V, RL = 8Ω, VDD = 5.0V
2.8
VIN = 0V, RL = 8Ω, VDD = 3.6V
2.2
VIN = 0V, RL = 8Ω, VDD = 2.4V
1.6
VSHUTDOWN = 0V
ISD
Shutdown Current(6)
0.01
1.0
μA (max)
VDD = 2.4V to 5.0V
VSDIH
Shutdown voltage input high
1.4
V (min)
VSDIL
Shutdown voltage input low
0.4
V (max)
ROSD
Output Impedance
VSHUTDOWN = 0.4V
100
k
Ω
V/V (min)
AV
Gain
300k
Ω/RI
V/V (max)
Resistance from Shutdown Pin
RSD
300
k
Ω
to GND
fSW
Switching Frequency
300±30%
kHz
RL = 15μH + 4Ω + 15μH
VDD = 5V
2.7
W
THD = 10% (max)
VDD = 3.6V
1.3
W
f = 1kHz, 22kHz BW
VDD = 2.5V
560
mW
RL = 15μH + 4Ω + 15μH
VDD = 5V
2.2
W
THD = 1% (max)
VDD = 3.6V
1.08
W
f = 1kHz, 22kHz BW
VDD = 2.5V
450
mW
PO
Output Power
RL = 15μH + 8Ω + 15μH
VDD = 5V
1.6
W
THD = 10% (max)
VDD = 3.6V
820
mW
f = 1kHz, 22kHz BW
VDD = 2.5V
350
mW
RL = 15μH + 8Ω + 15μH
VDD = 5V
1.3
W
THD = 1% (max)
VDD = 3.6V
650
600
mW
f = 1kHz, 22kHz BW
VDD = 2.5V
290
mW
VDD = 5V, PO = 0.1W, f = 1kHz
0.03
%
Total Harmonic Distortion +
THD+N
VDD = 3.6V, PO = 0.1W, f = 1kHz
0.02
%
Noise
VDD = 2.5V, PO = 0.1W, f = 1kHz
0.04
%
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typical specifications are specified at 25°C and represent the parametric norm.
(4)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
(6)
Shutdown current is measured in a normal room environment. Exposure to direct sunlight will increase ISD by a maximum of 2µA. The
Shutdown pin should be driven as close as possible to GND for minimal shutdown current and to VDD for the best THD performance in
PLAY mode. See the Application Information section under SHUTDOWN FUNCTION for more information.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4675 LM4675SDBD LM4675TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com