Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4675TL/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4675TL/NOPB
Description  LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4675TL/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM4675TL/NOPB Datasheet HTML 1Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 2Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 3Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 4Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 5Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 6Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 7Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 8Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LM4675, LM4675SDBD, LM4675TLBD
www.ti.com
SNAS353C – AUGUST 2006 – REVISED MAY 2013
Electrical Characteristics
(1)(2) (continued)
The following specifications apply for AV = 2V/V (RI = 150kΩ), RL = 15µH + 8Ω + 15µH unless otherwise specified. Limits
apply for TA = 25°C.
LM4675
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)(5)
VRipple = 200mVPP Sine,
fRipple = 217Hz, VDD = 3.6, 5V
82
dB
Inputs to AC GND, CI = 2μF
Power Supply Rejection Ratio
PSRR
(Input Referred)
VRipple = 200mVPP Sine,
fRipple = 1kHz, VDD = 3.6, 5V
80
dB
Inputs to AC GND, CI = 2μF
SNR
Signal to Noise Ratio
VDD = 5V, PO = 1WRMS
97
dB
VDD = 3.6V, f = 20Hz – 20kHz
Inputs to AC GND, CI = 2μF
28
μVRMS
Output Noise
No Weighting
εOUT
(Input Referred)
VDD = 3.6V, Inputs to AC GND
22
μVRMS
CI = 2μF, A Weighted
Common Mode Rejection
VDD = 3.6V, VRipple = 1VPP Sine
CMRR
Ratio
fRipple = 217Hz
80
dB
(Input Referred)
TWU
Wake-up Time
VDD = 3.6V
17
μs
TSD
Shutdown Time
140
μs
VDD = 3.6V, POUT = 400mW
89
%
RL = 8Ω
η
Efficiency
VDD = 5V, POUT = 1W
89
%
RL = 8Ω
External Components Description
(Figure 2)
Components
Functional Description
1.
CS
Supply bypass capacitor which provides power supply filtering. Refer to the POWER SUPPLY BYPASSING section
for information concerning proper placement and selection of the supply bypass capacitor.
2.
CI
Input AC coupling capacitor which blocks the DC voltage at the amplifier's input terminals.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4675 LM4675SDBD LM4675TLBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com