Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4675TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4675TL/NOPB
Description  LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4675TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4675TL/NOPB Datasheet HTML 1Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 2Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 3Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 4Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 5Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 6Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 7Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 8Page - Texas Instruments LM4675TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM4675, LM4675SDBD, LM4675TLBD
www.ti.com
SNAS353C – AUGUST 2006 – REVISED MAY 2013
LM4675
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D
Audio Power Amplifier with Spread Spectrum
Check for Samples: LM4675, LM4675SDBD, LM4675TLBD
1
FEATURES
DESCRIPTION
The LM4675 is a single supply, high efficiency,
2
•
Spread Spectrum Architecture Reduces EMI
2.65W, mono, Class D audio amplifier. A spread
•
Mono Class D Operation
spectrum, filterless PWM architecture reduces EMI
•
No Output Filter Required for Inductive Loads
and eliminates the output filter, reducing external
component count, board area consumption, system
•
Externally Configurable Gain
cost, and simplifying design.
•
Very Fast Turn On Time: 17
μs (typ)
The LM4675 is designed to meet the demands of
•
Minimum External Components
mobile phones and other portable communication
•
"Click and Pop" Suppression Circuitry
devices. Operating on a single 5V supply, it is
•
Micro-Power Shutdown Mode
capable of driving a 4
Ω speaker load at a continuous
average output of 2.2W with less than 1% THD+N. Its
•
Available in Space-Saving 0.5mm Pitch
flexible power supply requirements allow operation
DSBGA and WSON Packages
from 2.4V to 5.5V. The wide band spread spectrum
architecture of the LM4675 reduces EMI-radiated
APPLICATIONS
emissions due to the modulator frequency.
•
Mobile Phones
The LM4675 has high efficiency with speaker loads
•
PDAs
compared to a typical Class AB amplifier. With a 3.6V
•
Portable Electronic Devices
supply driving an 8
Ω speaker, the IC's efficiency for a
100mW power level is 80%, reaching 89% at 400mW
output power.
KEY SPECIFICATIONS
The LM4675 features a low-power consumption
•
Efficiency at 3.6V, 400mW into 8
Ω Speaker:
shutdown mode. Shutdown may be enabled by
89% (typ)
driving the Shutdown pin to a logic low (GND).
•
Efficiency at 3.6V, 100mW into 8
Ω Speaker:
The gain of the LM4675 is externally configurable
80% (typ)
which allows independent gain control from multiple
•
Efficiency at 5V, 1W into 8
Ω Speaker: 89%
sources by summing the signals. Output short circuit
(typ)
and thermal overload protection prevent the device
•
Quiescent Current, 3.6V Supply: 2.2mA (typ)
from damage during fault conditions.
•
Total Shutdown Power Supply Current: 0.01µA
(typ)
•
Single Supply Range: 2.4V to 5.5V
•
PSRR, f = 217Hz: 82dB
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4675TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4675TL/NOPB TI1-LM4675TL/NOPB Datasheet
1Mb / 23P
LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results

Similar Description - LM4675TL/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4673 NSC-LM4673 Datasheet
889Kb / 18P
Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM4675 NSC-LM4675 Datasheet
925Kb / 19P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 NSC-LM48511 Datasheet
440Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4673 NSC-LM4673_07 Datasheet
8Mb / 24P
Filterless, 2.65W, Mono, Class D Audio Power Amplifier
LM48511 NSC-LM48511_08 Datasheet
442Kb / 22P
3W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier with Spread Spectrum
logo
Texas Instruments
LM4675SDBD TI-LM4675SDBD Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI1-LM4675_14 Datasheet
1Mb / 24P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM4675 TI-LM4675_15 Datasheet
1Mb / 23P
Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
LM48511 TI-LM48511_15 Datasheet
942Kb / 28P
LM48511 3-W, Ultra-Low EMI, Filterless, Mono, Class D Audio Power Amplifier With Spread Spectrum
LM4675 TI1-LM4675 Datasheet
1Mb / 23P
LM4675 Ultra-Low EMI, Filterless, 2.65W, Mono, Class D Audio Power Amplifier with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com