Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-220 Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # JS-220
Description  MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-220 Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  JS-220 Datasheet HTML 1Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 2Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
sensing.honeywell.com
Features
and Benefits
LONG LIFE
With a mechanical life of up to
10,000,000 operations, SM Series switches
boast an industry-leading life cycle.
APPLICATION FLEXIBILITY
MICRO SWITCH™ SM Series delivers a selection of actuation, electrical
termination, and operating characteristics along with
high-temperature
construction options.
INDUSTRY-LEADING TEMERATURE RANGE
With a wide temperature range of -54 °C to 204 °C [-65 °F to 400°F],
SM Series switches allow for
years of reliable performance in harsh
conditions.
COMPACT AND ROBUST
Built from
military-grade components, MICRO SWITCH™ SM switches
deliver MIL-PRF-8805 qualified listings in a lightweight, small package. MICRO
SWITCH™ SM switches are available with FAA-PMA approvals for commerical
aircraft applications.
EASILY CONTROLS LOW-VOLTAGE DC APPLICATIONS
Switches available with a choice of
silver or gold-plated, or gold bifurcated
contacts to handle a variety of electrical load requirements.
GLOBAL APPROVALS
UL/CSA, cUL, ENEC, and CE approvals allows the customer to
utilize switches
in products sold across the globe - in some of the most regulated regions.
Precise switch characteristics
Life of up to 10,000,000 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com