Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-220 Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # JS-220
Description  MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-220 Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button JS-220 Datasheet HTML 3Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 4Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 9Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 10Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
sensing.honeywell.com
MICRO SWITCH™ Premium Subminiature Basic Switches
O.F. • Operating force
R.F. • Release force
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position
MICRO SWITCH™ SM SERIES ORDER GUIDE • INTEGRAL LEVER
Catalog
Listing
Recommended For
O.F.
N [oz]
R.F. min.
N [ oz]
P.T. max.
mm [in]
O.T. min.
mm [in]
D.T.
mm [in]
O.P.
311SM1-T
7,24 mm [0.285 in] straight
lever
5 A
J
0,39
[1.4]
0,07
[0.25]
2,16
[0.085]
0,51
[0.020]
0,48
[0.019]
8,64 mm ±1,5 mm
[0.34 in ±0.060 in]
311SM23-T
7,24 mm [0.285 in] straight
lever, gold contacts
1 A
N
0,39
[1.4]
0,07
[0.25]
2,16
[0.085]
0,51
[0.020]
0,48
[0.019]
8,64 mm ±1,5 mm
[0.34 in ±0.060 in]
311SM701-T
7,24 mm [0.285 in] straight
lever, lower force
4 A
S
0,16
[0.57]
0,03
[0.11]
2,16
[0.085]
0,51
[0.020]
0,36
[0.014]
8,64 mm ±1,5 mm
[0.34 in ±0.060 in]
311SM2-T
14,35 mm [0.565 in]
straight lever
5 A
J
0,31
[1.1]
0,05
[0.18]
3,05
[0.12]
0,66
[0.026]
0,69
[0.027]
8,51 mm ±2 mm
[0.335 in ±0.08 in]
311SM43-T
14,35 mm [0.565 in]
straight lever, gold contacts
1 A
N
0,31
[1.1]
0,05
[0.18]
3,05
[0.12]
0,66
[0.026]
0,69
[0.027]
8,51 mm ±2 mm
[0.335 in ±0.08 in]
311SM702-T
14,35 mm [0.565 in]
straight lever, lower force
4 A
S
0,11
[0.4]
0,02
[0.07]
3,05
[0.12]
0,66
[0.026]
0,38
[0.015]
8,51 mm ±2 mm
[0.335 in ±0.08 in]
311SM3-T
44,8 mm [1.765 in] straight
lever
5 A
J
0,15
[0.53]
0,02
[0.07]
7,87
[0.31]
1,45
[0.057]
2,8
[0.11]
7,11 mm ±4,3 mm
[0.28 in ±0.17 in]
311SM17-H58
44,8 mm [1.765 in] straight
lever, gold contacts
1 A
N
0,15
[0.53]
0,02
[0.07]
7,87
[0.31]
1,45
[0.057]
2,8
[0.11]
7,11 mm ±4,3 mm
[0.28 in ±0.17 in]
311SM703-T
44,8 mm [1.765 in] straight
lever, lower force
4 A
S
0,06
[0.2]
0,01
[0.04]
7,87
[0.31]
1,45
[0.057]
1,78
[0.07]
7,11 mm ±4,3 mm
[0.28 in ±0.17 in]
311SM4-T
6,38 mm [0.251 in] simu-
lated roller lever
5 A
J
0,39
[1.4]
0,07
[0.25]
2,16
[0.085]
0,46
[0.018]
0,48
[0.019]
11,7 mm ±1,5 mm
[0.46 in ±0.06 in]
311SM25-T
6,38 mm [0.251 in] simu-
lated roller lever, gold contacts
1 A
N
0,39
[1.4]
0,07
[0.25]
2,16
[0.085]
0,46
[0.018]
0,48
[0.019]
11,7 mm ±1,5 mm
[0.46 in ±0.06 in]
311SM704-T
6,38 mm [0.251 in] simulat-
ed roller lever, lower force
4 A
S
0,16
[0.57]
0,03
[0.11]
2,16
[0.085]
0,46
[0.018]
0,33
[0.013]
11,7 mm ±1,5 mm
[0.46 in ±0.06 in]
311SM5-T
13,6 mm [0.535 in] simu-
lated roller lever
5 A
J
0,31
[1.1]
0,05
[0.18]
3,05
[0.12]
0,66
[0.026]
0,69
[0.027]
11,56 mm ±2 mm
[0.455 in ±0.08 in]
311SM705-T
13,6 mm [0.535 in] simulat-
ed roller lever, lower force
4 A
S
0,11
[0.4]
0,02
[0.07]
3,05
[0.12]
0,66
[0.026]
0,38
[0.015]
11,56 mm ±2 mm
[0.455 in ±0.08 in]
311SM6-T
6,38 mm [0.251 in] roller
lever
5 A
J
0,39
[1.4]
0,07
[0.25]
2,16
[0.085]
0,46
[0.018]
0,48
[0.019]
14,2 mm ±1,5 mm
[0.56 in ±0.06 in]
311SM68-T
6,38 mm [0.251 in] roller
lever, gold contacts
1 A
N
0,39
[1.4]
0,07
[0.25]
2,16
[0.085]
0,46
[0.018]
0,48
[0.019]
14,2 mm ±1,5 mm
[0.56 in ±0.06 in]
311SM706-T
6,38 mm [0.251 in] roller
lever, lower force
4 A
S
0,16
[0.57]
0,03
[0.11]
2,16
[0.085]
0,46
[0.018]
0,33
[0.013]
14,2 mm ±1,5 mm
[0.56 in ±0.06 in]
311SM7-T
13,6 mm [0.535 in] roller
lever
5 A
J
0,31
[1.1]
0,05
[0.18]
3,05
[0.12]
0,66
[0.026]
0,69
[0.027]
14,1 mm ±2 mm
[0.555 in ±0.08 in]
111SM1-T
Leaf actuator
5 A
J
1,95
[7]
0,56
[2]
5,54
[0.218]
0,76
[0.03]
0,76
[0.03]
8,89 mm ±0,76 mm
[0.35 in ±0.03 in]
111SM17-T
Leaf actuator gold contacts
1 A
N
1,95
[7]
0,56
[2]
5,54
[0.218]
0,76
[0.03]
0,76
[0.03]
8,89 mm ±0,76 mm
[0.35 in ±0.03 in]
111SM2-T
Flexible leaf with roller
5 A
J
1,95
[7]
0,56
[2]
5,56
[0.219]
0,76
[0.03]
0,64
[0.025]
14,3 mm ±0,76 mm
[0.562 in ±0.03 in]
111SM23-T
Flexible leaf with roller, gold
contacts
1 A
N
1,95
[7]
0,56
[2]
5,56
[0.219]
0,76
[0.03]
0,64
[0.025]
14,3 mm ±0,76 mm
[0.562 in ±0.03 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com