Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS-220 Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # JS-220
Description  MICRO SWITCH™ SM Series Premium Subminiature Basic Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

JS-220 Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button JS-220 Datasheet HTML 5Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 6Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 7Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 8Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 9Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 10Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 11Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 12Page - Honeywell Solid State Electronics Center JS-220 Datasheet HTML 13Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10 sensing.honeywell.com
SM Series
MICRO SWITCH™ JS SERIES AUXILIARY ACTUATORS FOR THE MICRO SWITCH™ SM SERIES
SWITCHES (stainless steel actuator and hardware)
Description
Actuator
Length
Operting
Force
max.
Release
Force min.
Pretravel
max.
Overtravel
min.
Differential
Travel
max.
Operating
Point
Free
Position
max.
Straight leaf
16,8 mm
[0.66 in]
2,78 N
[10 oz]
0,56 N
[2 oz]
1,98 mm
[0.078 in]
0,38 mm
[0.015 in]
0,38 mm
[0.015 in]
8,89 mm
±0,38 mm
[0.350 in
±0.015 in]
11,3 mm
[0.445 in]
Roller leaf
(bronze roller)
15 mm
[0.59 in]
2,78 N
[10 oz]
0,83 N
[3 oz]
1,98 mm
[0.078 in]
0,38 mm
[0.015 in]
0,38 mm
[0.015 in]
14,2 mm
±0,38 mm
[0.580 in
±0.015 in
16,9 mm
[0.665 in]
Formed leaf
(simulated
roller)
14,7 mm
[0.58 in]
2,78 N
[10 oz]
0,56 N
[2 oz]
2,39 mm
[0.094 in]
0,79 mm
[0.031 in]
0,38 mm
[0.015 in]
9,65 mm
±0,38 mm
[0.380 in
±0.015 in]
12,7 mm
[0.475 in]
Straight lever
26,2 mm
[1.03 in]*
0,28 N
[1 oz]
0,04 N
[0.14 oz]
3,18 mm
[0.125 in]
approx.
0,76 mm
[0.030 in]
0,76 mm
[0.030 in]
10,3 mm
[0.406 in]
approx.
–
Roller lever
(steel roller)
25,4 mm
[1.00 in]*
0,28 N
[1 oz]
0,04 N
[0.14 oz]
3,18 mm
[0.125 in]
approx.
0,76 mm
[0.030 in]
0,76 mm
[0.030 in]
14,3 mm
[0.562 in]
approx.
–
Formed lever
(simulated
roller)
25,4 mm
[1.00 in]*
0,28 N
[1 oz]
0,04 N
[0.14 oz]
3,18 mm
[0.125 in]
approx.
0,76 mm
[0.030 in]
0,76 mm
[0.030 in]
11,6 mm
[0.455 in]
approx.
–
Tandem leaf
5,3 mm
[0.21 in]
5,00 N
[18 oz]
2,78 N
[10 oz]
2,36 mm
[0.093 in]
0,15 mm
[0.006 in]
0,38 mm
[0.015 in]
8,89 mm
±0,38 mm
[0.350 in
±0.015 in]
10,5 mm
[0.415 in]
Tandem leaf
(bronze roller)
4,3 mm
[0.17 in]
11,1 N
[40 oz]
4,45 N
[16 oz]
2,36 mm
[0.093 in]
0,13 mm
[0.005 in]
0,38 mm
[0.015 in]
14,5 mm
±0,38 mm
[0.570 in
±0.015 in]
16,1 mm
[0.635 in]
** Travel characteristics on tandem actuators
vary with actual basic switch characteristics
NOTE: Above actuators should be used
below 300 °F
* “A” measurement is from pivot point of
lever to the point indicated on drawing
D Plated steel machine screws



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com