Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6584MT/NOPB.A Datasheet(PDF) 20 Page - Texas Instruments

Part # LM6584MT/NOPB.A
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6584MT/NOPB.A Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM6584MT/NOPB.A Datasheet HTML 16Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 17Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 18Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 19Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 20Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 21Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 22Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 23Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
+
-
PANEL
REPAIR
BUFFER
20 TO 100:
COLUMN DRIVER
OPEN
COLUMN
LINE
TFT-LCD
PANEL
PANEL
REPAIR
LINE
LM6584
SNOSA44C – MAY 2003 – REVISED MARCH 2013
www.ti.com
PANEL REPAIR BUFFER
It is not uncommon for a TFT panel to be manufactured with an open in one or two of its column or row lines. In
order to repair these opens, TFT panels have uncommitted repair lines that run along their periphery. When an
open line is identified during a panel’s final assembly, a repair line re-routes its signal past the open. Figure 37
illustrates how a column is repaired. The column driver’s output is sent to the other end of an open column via a
repair line, and the repair line is driven by a panel repair buffer. When a column or row line is repaired, the
capacitance on that line increases substantially. For instance, a column typically has 50pF to 100pF of line
capacitance, but a repaired column can have up to 200pF. Column drivers are not designed to drive this extra
capacitance, so a panel repair buffer provides additional output current to the repaired column line. Note that
there is typically a 20
Ω to 100Ω resistor in series with the buffer output. This resistor isolates the output from the
200pF of capacitance on a repaired column line, ensuring that the buffer remains stable. A pole is created by this
resistor and capacitance, but its frequency will be in the range of 8MHz to 40MHz, so it will have only a minor
effect on the buffer’s transient response time. Panel repair buffers transmit a column driver signal, and as
mentioned in the GAMMA BUFFER section, this signal is set by the gamma levels. It was also mentioned that
many displays have upper and lower gamma levels that are within 500mV of the supply rails. Therefore, op amps
used as panel repair buffers should have rail-to-rail input and stages. Otherwise, they may clip the column driver
signal.
The signal from a panel repair buffer is stored by a pixel when the pixel’s row is selected. In high-resolution
displays, each row is selected for as little as 11
μs. To insure that a pixel has adequate time to settle-out during
this brief period, a panel repair buffer should settle to within 1% of its final value approximately 1
μs after a row is
selected. This is hardest to achieve when transmitting a column line’s maximum voltage swing, which is the
difference between the upper and lower gamma levels (i.e. voltage between VGMA1 and VGMA10). For a
LM6584, the most demanding application occurs in displays that operate from a 13V supply. In these displays,
voltage difference between the top and bottom gamma levels can be as large as 12V, so the LM6584 needs to
transmit a ±12V pulse and settle to within 60mV of its final value in approximately 1
μs (60mV is approximately
1% of the dynamic range of the high or low polarity gamma levels). LM6584 settling times for 12V and –12V
pulses were measured in a test circuit similar to the one in Figure 36. V+ and V− were set to 12.5V and –0.5V,
respectively, when measuring settling time for a 0V to 12V pulse. Likewise, V+ and V− were set to 0.5V and
–12.5V when measuring settling time for a 0V to –12V pulse. In both cases, the LM6584 output was connected
to a series RC load of 51
Ω and 200pF. When tested this way, the LM6584 settled to within 60mV of 12V or –12V
in approximately 1.1
μs. These observed values are very close to the desired 1μs specification, demonstrating
that the LM6584 has the bandwidth and slew rate required for repair buffers in high-resolution TFT displays.
Figure 37. Panel Repair Buffer
SUMMARY
This Application Notes provided a basic explanation of how op-amps are used in TFT displays, and it also
presented the specifications required for these op amps. There are three major op amp applications in a display:
VCOM Driver, Gamma Buffer, and Panel Repair Buffer, and the LM6584 can be used for all of them. As a VCOM
Driver, the LM6584 can supply large values of output current to regulate VCOM load transients. It has rail-to-rail
input common-mode range and output swing required for gamma buffers and panel repair buffers. It also has the
necessary gain bandwidth and slew-rate for regulating gamma levels and driving column repair lines. All these
features make the LM6584 very well suited for use in TFT displays.
20
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com