Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6584MT/NOPB.A Datasheet(PDF) 3 Page - Texas Instruments

Part # LM6584MT/NOPB.A
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6584MT/NOPB.A Datasheet(HTML) 3 Page - Texas Instruments

  LM6584MT/NOPB.A Datasheet HTML 1Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 2Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 3Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 4Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 5Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 6Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 7Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 8Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LM6584
www.ti.com
SNOSA44C – MAY 2003 – REVISED MARCH 2013
13V DC Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured for at TJ = 25°C, VCM = ½VS and RL = 2kΩ. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
VOS
Input Offset Voltage
0.7
4
mV
6
TC VOS
Input Offset Voltage Average
5
μV/°C
Drift
IB
Input Bias Current
−0.3/+0.3
±1
μA
±7
IOS
Input Offset Current
16
150
nA
300
RIN
Input Resistance
Common Mode
20
M
Ω
Differential Mode
0.5
CMRR
Common Mode Rejection Ratio
VCM = 0 to +13V
75
103
70
dB
VCM = 0 to 11.5V
78
103
72
PSRR
Power Supply Rejection Ratio
VCM = ±1V
75
103
dB
70
CMVR
Input Common-Mode Voltage
CMRR > 50dB
0
−0.2
V
Range
13.2
13
AV
Large Signal Voltage Gain(4)
RL = 2kΩ, VO = 0.5 to +12.5V
78
108
dB
72
VO
Output Swing High(5)
RL = 2kΩ
12.85
12.9
12.7
V
Output Swing Low(5)
RL = 2kΩ
0.55
0.150
ISC
Output Short Circuit Current(6)
Sourcing
200
320
mA
Sinking
200
420
ICONT
Continuous Output Current(7)
Sourcing
75
mA
Sinking
75
IS
Supply Current (per Amp)
780
1100
μA
1350
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA. See applications section for information on temperature de-rating of this device.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing.
(5)
The open loop output current is ensured, by the measurement of the open loop output voltage swing.
(6)
Continuous operation at these output currents will exceed the power dissipation ability of the device
(7)
Power dissipation limits may be exceeded if all four amplifiers source or sink 75mA. Voltage across the output transistors and their
output currents must be taken into account to determine the power dissipation of the device
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com