Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM6584MT/NOPB.A Datasheet(PDF) 8 Page - Texas Instruments

Part # LM6584MT/NOPB.A
Description  LM6584 TFT-LCD Quad, 13V RRIO High Output Current Operational Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM6584MT/NOPB.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM6584MT/NOPB.A Datasheet HTML 4Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 5Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 6Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 7Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 8Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 9Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 10Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 11Page - Texas Instruments LM6584MT/NOPB.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
1
10
100
10k
1M
FREQUENCY (Hz)
1
10
100
1000
1k
10
1k
100k
10M
FREQUENCY (Hz)
10
20
30
40
50
60
70
80
90
100
110
0.5
0.75
1
1.25
1.5
1.75
2
INPUT STEP AMPLITUDE (VPP)
0
50
100
150
200
250
300
RL = 2k:
0
10
20
30
40
50
60
70
80
CAPACITIVE LOADING (pF)
0
200
400
600
800
1000
1200
RL = 2k:
10
1k
1M
10M
FREQUENCY (Hz)
30
40
50
60
70
80
90
100
110
120
VS = 5V
10
1k
1M
10M
FREQUENCY (Hz)
30
40
50
60
70
80
90
100
110
120
VS = 13V
LM6584
SNOSA44C – MAY 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 1/2VS and RL = 2kΩ.
CMRR
CMRR
Figure 9.
Figure 10.
Settling Time vs. Input Step Amplitude (Output Slew and
Settling Time vs. Capacitive Loading (Output Slew and
Settle Time)
Settle Time)
Figure 11.
Figure 12.
Crosstalk Rejection vs. Frequency (Output to Output)
Input Voltage Noise vs. Frequency
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM6584



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com