Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AVS12 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AVS12
Description  AUTOMATIC VOLTAGE SWITCH SMPS < 500W
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AVS12 Datasheet(HTML) 6 Page - STMicroelectronics

  AVS12 Datasheet HTML 1Page - STMicroelectronics AVS12 Datasheet HTML 2Page - STMicroelectronics AVS12 Datasheet HTML 3Page - STMicroelectronics AVS12 Datasheet HTML 4Page - STMicroelectronics AVS12 Datasheet HTML 5Page - STMicroelectronics AVS12 Datasheet HTML 6Page - STMicroelectronics AVS12 Datasheet HTML 7Page - STMicroelectronics AVS12 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
option
7
5
4
NTC
NTC
110 V
or
220V
G
1N
4007
R1
1M
1%
8
3
21
33
µF
16V
A
1
A
2
V
V
DD
SS
VDD
VG
V
M
91k 1 %
100pF 5 %
V
SS
AVS1ACP08
2
x
9.1K
1W
R2
18K
1%
390
AVS12CB
AVS12
TYPICAL APPLICATION
ORDERING INFORMATION
AVS12
CONTROLLER
AVS
1A
C
P08
AVS
12
C
B
TRIAC
OPERATING TEMPERATURE :
C = 0/70
°C
OPERATING TEMPERATURE :
C = 0/70
°C
IDENTIFICATION
PACKAGE :
DIP 8
AUTOMATIC
VOLTAGE
SWITCH
PACKAGE B:
UNINSULATED TO220
AUTOMATIC
VOLTAGE
SWITCH
IDENTIFICATION
AVS12
6/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com